Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-L2 Datasheet(PDF) 5 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 5 Page - Cree, Inc

  XP-L2 Datasheet HTML 1Page - Cree, Inc XP-L2 Datasheet HTML 2Page - Cree, Inc XP-L2 Datasheet HTML 3Page - Cree, Inc XP-L2 Datasheet HTML 4Page - Cree, Inc XP-L2 Datasheet HTML 5Page - Cree, Inc XP-L2 Datasheet HTML 6Page - Cree, Inc XP-L2 Datasheet HTML 7Page - Cree, Inc XP-L2 Datasheet HTML 8Page - Cree, Inc XP-L2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 21).
Cree XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Xp-L2 LED
nominal
CCt
Cri
Minimum Luminous Flux
@1050 mA
2-step
3-step
5-step
Min
typ
Flux
bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* Group
order Code
Group
order Code
Group
order Code
3000 K
70
v4
440
483
30e
XPLBWT-00-0000-
000Bv430e
v3
420
461
XPLBWT-00-0000-
000Bv330e
80
v2
400
439
30G
XPLBWT-00-0000-
000HV230G
U6
380
417
XPLBWT-00-0000-
000HU630G
90
U4
340
373
30H
XPLBWT-00-0000-
000UU430H
30G
XPLBWT-00-0000-
000UU430G
U3
320
351
XPLBWT-00-0000-
000UU330H
XPLBWT-00-0000-
000UU330G
U2
300
329
XPLBWT-00-0000-
000UU230H
XPLBWT-00-0000-
000UU230G
2700 K
80
v2
400
439
27G
XPLBWT-00-0000-
000HV227G
U6
380
417
XPLBWT-00-0000-
000HU627G
U5
360
395
XPLBWT-00-0000-
000HU527G
90
U3
320
351
27H
XPLBWT-00-0000-
000UU327H
27G
XPLBWT-00-0000-
000UU327G
U2
300
329
XPLBWT-00-0000-
000UU227H
XPLBWT-00-0000-
000UU227G
T6
280
307
XPLBWT-00-0000-
000UT627H
XPLBWT-00-0000-
000UT627G
FLuX ChArACtEristiCs - EAsyWhitE® orDEr CoDEs AnD bins (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com