Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 20Page - National Semiconductor (TI) PC87382 Datasheet HTML 21Page - National Semiconductor (TI) PC87382 Datasheet HTML 22Page - National Semiconductor (TI) PC87382 Datasheet HTML 23Page - National Semiconductor (TI) PC87382 Datasheet HTML 24Page - National Semiconductor (TI) PC87382 Datasheet HTML 25Page - National Semiconductor (TI) PC87382 Datasheet HTML 26Page - National Semiconductor (TI) PC87382 Datasheet HTML 27Page - National Semiconductor (TI) PC87382 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
24
Revision1.2
3.3
MODULE CONTROL
3.3.1
Module Enable/Disable
Module control is performed primarily through the Activation bit (bit 0 of Index 30h) of each logical device. The operation of
each module can be controlled by the host through the LPC bus.
Module enable/disable by the host through the LPC bus is controlled by the following bits:
q
Activation bit (bit 0) in Index 30h of the Standard configuration registers; see Section 3.2.3 on page 20.
q
Fast Disable bit in SIOCF6 register; for the Serial Port 1 and IR modules only; see Section 3.7.4 on page 28.
q
Global Enable bit (GLOBEN) in SIOCF1 register; see Section 3.7.2 on page 27.
A module is enabled only if all of these bits are set to their “enable” value.
When a legacy (SP1 or IR) module is disabled, the following takes place:
q
The host system resources of the logical device (IRQ, DMA and runtime address range) are unassigned.
q
Access to the standard- and device-specific Logical Device configuration registers through the LPC bus remains enabled.
q
Access to the module’s runtime registers through the LPC bus is disabled (transactions are ignored; SYNC cycle is
not generated).
q
The module’s internal clock is disabled (the module is not functional) to lower the power consumption.
When the GPIO or DLPC module is disabled, the following takes place:
q
The host system resources of the logical device (IRQ and runtime address range) are unassigned.
q
Access to the standard- and device-specific Logical Device configuration registers through the LPC bus remains enabled.
q
Access to the module’s runtime registers through the LPC bus is disabled (transactions are ignored; SYNC cycle is
not generated).
q
The module is functional.
3.3.2
Floating Module Output
The pins of the Legacy modules (Serial Port, Infrared) can be floated. When the TRI-STATE Control bit (bit 0) is set in the
specific module configuration register (at Index F0h of the specific logical device in the configuration space) and the module
is disabled (see Section 3.3.1), the module output signals are floated and the I/O signals are configured as inputs (note that
the logic level at the inputs is ignored by the module, which is disabled).
Figure 6 shows the control mechanism for floating the pins of a Legacy module.
Figure 6. Control of Floating Legacy Module Pins
Fast
Disable
xxxDIS1
Register
SIOCF6
TRI-
STATE
Control
Register
Configuration
Global
Enable
GLOBEN
Register
SIOCF1
Activation
Bit (bit 0)
Register
Index 30h
Device Configuration
Legacy Module
Module
Module Enable
(Index F0h)
Legacy
Enable
Output
Buffer
1. Wherever the bit is implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com