Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1792 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1792
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1792 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1792 Datasheet HTML 1Page - Texas Instruments PCM1792 Datasheet HTML 2Page - Texas Instruments PCM1792 Datasheet HTML 3Page - Texas Instruments PCM1792 Datasheet HTML 4Page - Texas Instruments PCM1792 Datasheet HTML 5Page - Texas Instruments PCM1792 Datasheet HTML 6Page - Texas Instruments PCM1792 Datasheet HTML 7Page - Texas Instruments PCM1792 Datasheet HTML 8Page - Texas Instruments PCM1792 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PCM1792
SLES069A − MARCH 2003 − REVISED AUGUST 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1792DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (PCM MODE, 2-V RMS OUTPUT) (1)(2)
fS = 44.1 kHz
0.0004%
0.0008%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
123
127
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
127
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
127
dB
EIAJ, A-weighted, fS = 44.1 kHz
123
127
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
127
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
127
dB
fS = 44.1 kHz
120
123
Channel separation
fS = 96 kHz
122
dB
Channel separation
fS = 192 kHz
120
dB
Level Linearity Error
VOUT = −120 dB
±1
dB
DYNAMIC PERFORMANCE (PCM Mode, 4.5-V RMS Output) (1)(3)
fS = 44.1 kHz
0.0004%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
129
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
129
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
129
dB
EIAJ, A-weighted, fS = 44.1 kHz
129
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
129
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
129
dB
fS = 44.1 kHz
124
Channel separation
fS = 96 kHz
123
dB
Channel separation
fS = 192 kHz
121
dB
DYNAMIC PERFORMANCE (MONO MODE) (1)(3)
fS = 44.1 kHz
0.0004%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
132
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
132
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
132
dB
EIAJ, A-weighted, fS = 44.1 kHz
132
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
132
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
132
dB
(1) Filter condition:
THD+N: 20-Hz HPF, 20-kHz apogee LPF
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two
t Cascade audio measurement system by Audio Precision in the
averaging mode.
(2) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 36.
(3) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 37.
Audio Precision and System Two are trademarks of Audio Precision, Inc.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com