Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2001AA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA2001AA
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2001AA Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA2001AA Datasheet HTML 1Page - NXP Semiconductors PCA2001AA Datasheet HTML 2Page - NXP Semiconductors PCA2001AA Datasheet HTML 3Page - NXP Semiconductors PCA2001AA Datasheet HTML 4Page - NXP Semiconductors PCA2001AA Datasheet HTML 5Page - NXP Semiconductors PCA2001AA Datasheet HTML 6Page - NXP Semiconductors PCA2001AA Datasheet HTML 7Page - NXP Semiconductors PCA2001AA Datasheet HTML 8Page - NXP Semiconductors PCA2001AA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
2003 Dec 17
5
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
handbook, full pagewidth
43.75%
37.5%
DUTY CYCLE
50%
56.25%
62.5%
68.75%
75%
81.25%
100%
MGW351
0.244 ms
0.122 ms
0.98 ms
0.98 ms
0.98 ms
0.98 ms
Fig.4 Possible modulations for a 3.9 ms motor pulse.
Step detection
Figure 5 shows a simplified diagram of the motor driving
and step detection circuit, and Fig.6 shows the step
detection sequence and corresponding sampling current.
Between the motor driving pulses, the switches P1 and P2
are closed, which means the motor is short-circuited. For
a pulse in one direction, P1 and N2 are open, and
P2 and N1 are closed with the appropriate duty cycle; for
a pulse in the opposite direction, P2 and N1 are open, and
P1 and N2 closed.
The step detection phase is initiated after the motor driving
pulse (see Fig.3). P1 and P2 are first closed for 0.98 ms
and then all four drive switches (P1, N1, P2 and N2) are
opened for 0.98 ms.
As a result, the energy stored in the motor inductance is
reduced as fast as possible.
The induced current caused by the residual motor
movement is then sampled in phase 3 (closing P3 and P2)
and in phase 4 (closing P1 and P4). For step detection in
the opposite direction P1 and P4 are closed during
phase 3 and P2 and P3 during phase 4 (see Fig.6).
The condition for a successful motor step is a positive step
detection pulse (current in the same direction as in the
driving phase) followed by a negative detection pulse
within a given time limit. This time limit can be programmed
between 3.9 and 10.7 ms (in steps of 0.98 ms) in order to
ensure a safe and correct step detection under all
conditions (for instance magnetic fields). The step
detection phase stops after the last 31.25 ms, after the
start of the motor driving pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com