Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9533DP02 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9533DP02
Description  4-bit I2C LED dimmer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9533DP02 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9533DP02 Datasheet HTML 10Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 11Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 12Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 13Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 14Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 15Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 16Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 17Page - NXP Semiconductors PCA9533DP02 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9533
4-bit I2C LED dimmer
2004 Oct 01
17
REVISION HISTORY
Rev
Date
Description
_2
20041001
Product data sheet (9397 750 13692). Supersedes data of 2003 Sep 19 (9397 750 12061).
Modifications:
• “Features” section on page 2:
– second bullet: change from “... between 0.625 and 160 Hz (1.6 seconds and 6.25 milliseconds)”
to “... between 0.591 Hz and 152 Hz (1.69 seconds and 6.58 milliseconds)”
– Last bullet: add “(MSOP8)”
• “Description” section on page 2:
– Third paragraph, third sentence: change from “... or blink at periods up to 1.6 second.” to “... or blink at
periods up to 1.69 second.”
– Fourth paragraph, first sentence: change from “... periods greater than 1.6 second ...” to “... periods greater
than 1.69 second.”
• “Input-Input register” table on page 4 modified; added note.
• Add section “Pins used as General Purpose I/Os” on page 5.
• Section “Power-on reset” on page 5 re-written.
• Figure 13 on page 8: add resistor values.
• (New) Note 1 added to DC Characteristics table on page 10, and its reference added at parameter V
POR.
• Figures 19 and 20 on page 13 modified.
_1
20030919
Product data (9397 750 12061); ECN 853-2404 30307 dated 08 September 2003.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com