| Electronic Components Datasheet Search |
|
M28W320ECT10N1F Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320ECT10N1F Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 53 page ![]() 33/53 M28W320ECT, M28W320ECB PART NUMBERING Table 22. Ordering Information Scheme Example: M28W320ECT 90 N 6 T Device Type M28 Operating Voltage W = VDD = 2.7V to 3.6V; VDDQ = 1.65V to 3.6V Device Function 320EC = 32 Mbit (2 Mb x16), Boot Block Array Matrix T = Top Boot B = Bottom Boot Speed 70 = 70ns 85 = 85ns 90 = 90ns 10 = 100ns Package N = TSOP48: 12 x 20mm ZB = TFBGA47: 6.39 x 6.37mm, 0.75 mm pitch Temperature Range 1 = 0 to 70 °C 6 = –40 to 85 °C Option Blank = Standard Packing T = Tape & Reel Packing E = Lead-Free Package, Standard Packing F = Lead-Free Package, Tape & Reel Packing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |