Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C9911 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C9911
Description  5V High-Speed Programmable Skew Clock Buffers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C9911 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8451B
03/28/01
PI6C9911 & PI6C9911E
5V High Speed Programmable Skew
Clock Buffers - SuperClock®®®®®
e
m
a
N
l
a
n
g
i
SO
/
In
o
it
p
i
r
c
s
e
D
F
E
R
I
ll
a
h
ci
h
w
e
c
n
e
r
e
f
e
r
g
n
i
m
it
d
n
a
y
c
n
e
u
q
e
rf
e
h
t
s
ei
l
p
p
u
s
t
u
p
n
i
si
h
T
.t
u
p
n
i
y
c
n
e
u
q
e
rf
e
c
n
e
r
e
f
e
R
.
d
e
r
u
s
a
e
m
si
n
o
it
ai
r
a
v
l
a
n
o
it
c
n
u
f
B
F
.)
st
u
p
t
u
o
t
h
g
i
e
e
h
t
f
o
e
n
o
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
ci
p
y
t(
t
u
p
n
i
k
c
a
b
d
e
e
f
L
L
P
S
F.t
c
el
e
s
e
g
n
a
r
y
c
n
e
u
q
e
rf
l
e
v
el
-
e
e
r
h
T
1
el
b
a
T
e
e
S
.
1
F
1
,
0
F
1
.)
1
Q
1
,
0
Q
1
(
1
ri
a
p
t
u
p
t
u
o
r
o
f
st
u
p
n
i
t
c
el
e
s
n
o
it
c
n
u
f
l
e
v
el
-
e
e
r
h
T
2
el
b
a
T
e
e
S
.
1
F
2
,
0
F
2
.)
1
Q
2
,
0
Q
2
(
2
ri
a
p
t
u
p
t
u
o
r
o
f
st
u
p
n
i
t
c
el
e
s
n
o
it
c
n
u
f
l
e
v
el
-
e
e
r
h
T
2
el
b
a
T
e
e
S
.
1
F
3
,
0
F
3
.)
1
Q
3
,
0
Q
3
(
3
ri
a
p
t
u
p
t
u
o
r
o
f
st
u
p
n
i
t
c
el
e
s
n
o
it
c
n
u
f
l
e
v
el
-
e
e
r
h
T
2
el
b
a
T
e
e
S
.
1
F
4
,
0
F
4
.)
1
Q
4
,
0
Q
4
(
4
ri
a
p
t
u
p
t
u
o
r
o
f
st
u
p
n
i
t
c
el
e
s
n
o
it
c
n
u
f
l
e
v
el
-
e
e
r
h
T
2
el
b
a
T
e
e
S
.
T
S
E
T
.s
n
o
it
p
ir
c
s
e
d
m
a
r
g
ai
d
k
c
o
l
b
e
h
t
r
e
d
n
u
n
o
it
c
e
s
e
d
o
m
t
s
e
t
e
e
S
.t
c
el
e
s
l
e
v
el
-
e
e
r
h
T
1
Q
1
,
0
Q
1
O
.
1
ri
a
p
t
u
p
t
u
O
2
el
b
a
T
e
e
S
.
1
Q
2
,
0
Q
2.
2
ri
a
p
t
u
p
t
u
O
2
el
b
a
T
e
e
S
.
1
Q
3
,
0
Q
3.
3
ri
a
p
t
u
p
t
u
O
2
el
b
a
T
e
e
S
.
1
Q
4
,
0
Q
4.
4
ri
a
p
t
u
p
t
u
O
2
el
b
a
T
e
e
S
.
V N
C
C
R
W
P
.s
r
e
v
ir
d
t
u
p
t
u
o
r
o
f
y
l
p
p
u
s
r
e
w
o
P
V Q
C
C
.y
rt
i
u
c
ri
c
l
a
n
r
e
t
n
i
r
o
f
y
l
p
p
u
s
r
e
w
o
P
D
N
Gd
n
u
o
r
G
Pin Definitions
Block Diagram Description
Phase Frequency Detector and Filter
These two blocks accept input signals from the reference frequency
(REF) input and the feedback (FB) input and generate correction
information to control the frequency of the Voltage-Controlled
Oscillator (VCO). These blocks, along with the VCO, form a Phase-
Locked Loop (PLL) that tracks the incoming REF signal.
VCO and Time Unit Generator
The VCO accepts analog control inputs from the PLL filter block
and generates a frequency that is used by the time unit generator to
create discrete time units that are selected in the skew mix matrix.
The operational range of the VCO is determined by the FS control
pin. The time unit (tU) is determined by the operating frequency of
the device and the level of the FS pin as shown in Table 1.
Skew Select Matrix
The skew select matrix is comprised of four independent sections.
Each section has two low-skew, high-fanout drivers (xQ0, xQ1),
and two corresponding three-level function select (xF0, xF1)
inputs. Table 2 shows the nine possible output functions for each
section as determined by the function select inputs. All times are
measured with respect to the REF input assuming that the output
connected to the FB input has 0tU selected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com