Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34TS02 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT34TS02
Description  Digital Output Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT34TS02 Datasheet HTML 1Page - ON Semiconductor CAT34TS02 Datasheet HTML 2Page - ON Semiconductor CAT34TS02 Datasheet HTML 3Page - ON Semiconductor CAT34TS02 Datasheet HTML 4Page - ON Semiconductor CAT34TS02 Datasheet HTML 5Page - ON Semiconductor CAT34TS02 Datasheet HTML 6Page - ON Semiconductor CAT34TS02 Datasheet HTML 7Page - ON Semiconductor CAT34TS02 Datasheet HTML 8Page - ON Semiconductor CAT34TS02 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CAT34TS02
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any pin (except A0) with respect to Ground (Note 1)
−0.5 to +6.5
V
Voltage on pin A0 with respect to Ground
−0.5 to +10.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. The A0 pin can be raised to a HV level for RSWP
command execution. SCL and SDA inputs can be raised to the maximum limit, irrespective of VCC.
Table 2. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min
Units
NEND (Note 2)
Endurance (EEPROM)
1,000,000
Write Cycles
TDR
Data Retention (EEPROM)
100
Years
2. Page Mode, VCC = 3.3 V, 25°C
Table 3. TEMPERATURE CHARACTERISTICS (VCC = 3.3 V ± 10%, TA = −20°C to +125°C, unless otherwise specified)
Parameter
Test Conditions/Comments
Max
Unit
Temperature Reading Error
Class B, JC42.4 compliant
+75
°C ≤ TA ≤ +95°C, active range
±1.0
°C
+40
°C ≤ TA ≤ +125°C, monitor range
±2.0
°C
−20
°C ≤ TA ≤ +125°C, sensing range
±3.0
°C
ADC Resolution
12
Bits
Temperature Resolution
0.0625
°C
Conversion Time
100
ms
Thermal Resistance (Note 3)
qJA
Junction−to−Ambient (Still Air)
92
°C/W
3. Power Dissipation is defined as PJ = (TJ − TA)/qJA, where TJ is the junction temperature and TA is the ambient temperature. The thermal
resistance value refers to the case of a package being used on a standard 2−layer PCB.
Table 4. D.C. OPERATING CHARACTERISTICS (VCC = 3.3 V ± 10%, TA = −20°C to +125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions/Comments
Min
Max
Unit
ICC
Supply Current
TS active, SPD and Bus idle
500
mA
SPD Write, TS shut−down
500
mA
ISHDN
Standby Current
TS shut−down; SPD and Bus idle
10
mA
ILKG
I/O Pin Leakage Current
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
−0.5
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.5
V
VOL1
Output Low Voltage
IOL = 3 mA, VCC > 2.7 V
0.4
V
VOL2
Output Low Voltage
IOL = 1 mA, VCC < 2.7 V
0.2
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com