Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCC-3 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PCC-3
Description  Subminiature, Radial Leaded, Fast-Acting Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PCC-3 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PCC-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. PCC-3 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2 0 1 4 C o o p e r B u s s m a n n
w w w. c o o p e r b u s s m a n n . c o m
0914 BU-SB11083
Page 2 of 2
Data Sheet 2034
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design
or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.
BUSS
PC_
250V
0.350"
(8.89mm)
0.200" ± 0.008
(0.51mm ± 0.127mm)
0.020"
(0.51mm)
0.345"
(8.76mm)
0.015"
(0.38mm)
0.025"
(0.64mm)
0.075"
(1.91mm)
0.15"
(3.81mm)
0.184"
(4.67mm)
BUSS
PCG
125V
R
0.350"
0.345"
0.500"
MIN.
0.015"
0.020"
0.025"
0.184"
0.400"
REF.
Dimensional Data (PCF, PCG)
Current In Amps
10
1
.1
.01
Amp Rating
Time-Current Characteristic Curves–Average Melt
Dimensional Data (PCH, PCI)
Packaging Code
Packaging Code Prefix
Description/Quantity
Blank
5 fuses
BK
100 fuses in a carton
TR*
500 fuses on Tape-and-Reel
* Only for PCB and PCD
Amp
125Vac
250Vac
Rating
50A
1,000A
10,000A
35A & 50A
1
/2A
0.006
0.006
0.006
0.006
3
/4A
0.016
0.016
0.016
0.016
1A
0.020
0.020
0.020
0.020
1-1/2A
0.090
0.090
0.090
0.090
2A
0.200
0.200
0.200
0.200
2-1/2A
0.300
0.300
0.300
0.300
3A
0.750
0.750
0.750
0.750
5A
5.0
5.0
5.0
—
Note: Power Factor > 0.90.
0.184"
(4.67mm)
0.350"
(8.89mm)
0.320"
(8.13mm)
0.025"
(0.64mm)
0.20"
(5.08mm)
0.020"
(0.51mm)
0.015"
(0.38mm)
0.750" Full
(19.1mm)
0.100" Short
(2.54mm)
Standard Fuse (PCB, PCD)
Option Code
Option Code Suffix
Description
-R
RoHS Compliant
-SD
Solder Dipped
Dimensions - mm (±0.005”/0.13mm)
Max. Total Clearing I2t (Amps2 Sec.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com