Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9181CB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9181CB
Description  150MA LDO REGULATOR WITH POG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9181CB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9181CB Datasheet HTML 1Page - Richtek Technology Corporation RT9181CB Datasheet HTML 2Page - Richtek Technology Corporation RT9181CB Datasheet HTML 3Page - Richtek Technology Corporation RT9181CB Datasheet HTML 4Page - Richtek Technology Corporation RT9181CB Datasheet HTML 5Page - Richtek Technology Corporation RT9181CB Datasheet HTML 6Page - Richtek Technology Corporation RT9181CB Datasheet HTML 7Page - Richtek Technology Corporation RT9181CB Datasheet HTML 8Page - Richtek Technology Corporation RT9181CB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
RT9181
DS9181-00 February 2002
www.richtek-ic.com.tw
1
150mA LDO Regulator with POG
General Description
The RT9181 is a low dropout voltage regulator with
an output 2% accuracy and supply a continuous
150mA current within operating range from a +3V to
+5.5V input. The power good function monitors the
output voltage and indicates by pulling low the power
good output (open drain).
The RT9181 requires a small output capacitor with
low ESR for stabilizing output voltage. The device
also minimizes output overshoot during power up.
The RT9181 uses an internal PMOS as the pass
device, which consumes 160
µA supply current
independent of load and dropout conditions. The CE
pin controls the output and consumes no input bias
current. Other features include current limiting, over
temperature protection, and under voltage lockout.
Applications
Processor Power-Up Sequencing
Laptop, Notebook, and Palmtop Computers
Ordering Information
RT9181
Features
Low Dropout Voltage Regulator, Output 1.2V
Up to 150mA Output Current
Power Good (POG) Function
Chip Enable/Shutdown Function
Load Independent, Low Ground Current, 160
µµµµA
Current Limiting and Thermal Protection
Under Voltage Lockout (UVLO)
Low Variation Due to Load and Line Regulation
Output Stable with Low ESR Capacitors
SOT-25 Package
Pin Configurations
Part Number
Pin Configurations
RT9181CB
(Plastic SOT-25)
TOP VIEW
1. VIN
2. GND
3. CE
4. POG
5. VOUT
Typical Application Circuit
Operating temperature range
C: Commercial standard
Package type
B : SOT-25
54
3
2
1
VIN
CE
GND
POG
VOUT
CIN
1
µF
VIN
ON
OFF
COUT
1
µF
VOUT
POG
10K


Similar Part No. - RT9181CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181-18GB RICHTEK-RT9181-18GB Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181-18PB RICHTEK-RT9181-18PB Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
More results

Similar Description - RT9181CB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com