Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS255-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # CPS255-M
Description  250 Watt AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CPS255-M Datasheet(HTML) 1 Page - Artesyn Technologies

  CPS255-M Datasheet HTML 1Page - Artesyn Technologies CPS255-M Datasheet HTML 2Page - Artesyn Technologies CPS255-M Datasheet HTML 3Page - Artesyn Technologies CPS255-M Datasheet HTML 4Page - Artesyn Technologies CPS255-M Datasheet HTML 5Page - Artesyn Technologies CPS255-M Datasheet HTML 6Page - Artesyn Technologies CPS255-M Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
CPS250-M Series
250 Watt AC-DC Power Supplies
Total Power: 250 Watts
Input Voltage: 90 - 264 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
Designed for forced air and natural
convection cooling
ƒ
Medical and ITE safety approvals,
2x MOPP
ƒ
Dual fused
ƒ
Type BF ready
ƒ
Active Power Factor Correction,
61000-3-2 compliant
ƒ
Built-in Class B EMI filter
ƒ
Less than 1U high
ƒ
LPX100 enclosure kit available
ƒ
<500 mW no-load power
consumption
ƒ
For use in Class I or Class II
applications
ƒ
Three-year warranty (consult
factory for extended terms)
SAFETY
ƒ
EN 60950-1 / 60601-1
ƒ
UL 60950-1 / 60601-1
ƒ
CSA
ƒ
CE LVD Mark
ƒ
CCC
Electrical Specifications
Input
Input voltage range
90 - 264 Vrms
Frequency
47 - 63 Hz (360 - 440 Hz with higher leakage)
Inrush current
70 Apk, < 1 ms, cold start
Efficiency
93% typical
Leakage current
Specified for medical approvals
No load power
< 500 mW
Output
Maximum power
250 W, forced-air cooling
155 W, free-air natural convection
Adjustment range
-0% / +10%
Holdup time
10 ms @ 225 W
Fan output
12 V @ 500 mA
Standby output
5 V @ 100 mA (For CPS253-M1 only)
Control and Protection
Remote On/Off
For CPS253-M1 only
DC OK
For CPS253-M1 only
Overvoltage protection
Latching/AC Recycle required to restart PSU
Overcurrent protection
Auto-recovery
Short circuit protection
Auto-recovery (impedance <50 mOhm
Overtemperature protection
Auto-recovery with hysteresis
Data Sheet


Similar Part No. - CPS255-M

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CPS255-M ADVANCEDENERGY-CPS255-M Datasheet
3Mb / 9P
250 W AC-DC Power Supplies
01 4.20
More results

Similar Description - CPS255-M

ManufacturerPart #DatasheetDescription
logo
Power-One
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
250 Watt AC-DC Converters
logo
AIMTEC
AME250-Z AIMTEC-AME250-Z Datasheet
252Kb / 2P
250 watt ac-dc converter
AMED250-Z AIMTEC-AMED250-Z Datasheet
250Kb / 2P
250 watt ac-dc converter
AMEU250-Z AIMTEC-AMEU250-Z Datasheet
254Kb / 2P
250 watt ac-dc converter
logo
Powerbox
PBSP-12R POWERBOX-PBSP-12R Datasheet
489Kb / 1P
150 - 250 WATT DC/AC INVERTER
logo
Wall Industries,Inc.
PSAIC WALL-PSAIC Datasheet
413Kb / 4P
3 Watt AC/DC Switching Power Supplies
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
15 Watt AC/DC Switching Power Supplies
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
15 Watt AC/DC Switching Power Supplies
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
Watt AC/DC Switching Power Supplies
logo
Artesyn Technologies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
650 Watt AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com