Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBP005M Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # 2KBP005M
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2KBP005M Datasheet(HTML) 2 Page - Mospec Semiconductor

  2KBP005M Datasheet HTML 1Page - Mospec Semiconductor 2KBP005M Datasheet HTML 2Page - Mospec Semiconductor 2KBP005M Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2KBP005M
Thru 2KBP10M
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
TJ=25
OC
TJ=150
OC
FIG-3 PEAK FORWARD SURGE CURRENT
FIG-4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE (Volts)
TJ=150
OC
Single Half
Sine Wave
(JEDEC Method)
TJ=25
OC
f=1MHz
FIG-5 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED REVERSE VOLTAGE (﹪)
TJ=100
OC
TJ=25
OC
TJ=125
OC
TJ=150
OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com