Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8401DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI8401DB
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8401DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI8401DB Datasheet HTML 1Page - Vishay Siliconix SI8401DB Datasheet HTML 2Page - Vishay Siliconix SI8401DB Datasheet HTML 3Page - Vishay Siliconix SI8401DB Datasheet HTML 4Page - Vishay Siliconix SI8401DB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si8401DB
Vishay Siliconix
www.vishay.com
2
Document Number: 71674
S-40384—Rev. F, 01-Mar-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.45
−0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 70_C
−5
mA
On-State Drain Currenta
ID(on)
VDS v −5 V, VGS = −4.5 V
−5
A
Drain Source On State Resistancea
rDS( )
VGS = −4.5 V, ID = −1 A
0.057
0.065
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −1 A
0.080
0.095
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −1 A
6
S
Diode Forward Voltagea
VSD
IS = −1 A, VGS = 0 V
−0.73
−1.1
V
Dynamicb
Total Gate Charge
Qg
11
17
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −4.5 V, ID = −1 A
2.1
nC
Gate-Drain Charge
Qgd
2.9
Turn-On Delay Time
td(on)
17
25
Rise Time
tr
VDD = −10 V, RL = 10 W
28
45
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 10 W
ID ^ −1 A, VGEN = −4.5 V, RG = 6 W
88
135
ns
Fall Time
tf
60
90
Source-Drain Reverse Recovery Time
trr
IF = − A, di/dt = 100 A/ms
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
0
2468
10
VGS = 5 thru 2.5 V
25_C
TC = 125_C
2 V
−55_C
1.5 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com