Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E522.01 Datasheet(PDF) 6 Page - ELMOS Semiconductor AG

Part # E522.01
Description  Wide input voltage range 4.5V to 40V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.01 Datasheet(HTML) 6 Page - ELMOS Semiconductor AG

Back Button E522.01 Datasheet HTML 2Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 3Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 4Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 5Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 6Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 7Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 8Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 9Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 10Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/25
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.03
PRODUCTION DATA - AUG 13, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
Electrical Characteristics (continued)
(V
VIN = 4.5V to 40V, Tamb = -40°C to +125°C, unless otherwise noted. Typical values are at VVIN = 14V and Tamb = +25°C.
Positive currents flow into the device pins.)
Description
Condition
Symbol
Min
Typ
Max
Unit
E522.05 Output
Output regulation threshold 1)
I
OUT = 500mA
V
VIN = 14V
V
SENSE
1.416
1.475
1.534
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
0.7
1.5
Ω
Over-current detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
740
830
920
mA
R
OCP = 60kΩ
2)
I
OCP,60kΩ
300
350
400
mA
E522.06 Output
Output regulation threshold 1)
I
OUT = 350mA
V
VIN = 14V
V
SENSE
1.416
1.475
1.534
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
1.1
2.5
Ω
Overcurrent detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
490
550
610
mA
R
OCP = 60kΩ
2)
I
OCP,60kΩ
190
230
270
mA
E522.07 Output
Output regulation threshold 1)
I
OUT = 1A
V
VIN = 14V
V
OUT
4.8
5.00
5.2
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
0.44
0.75
Ω
Over-current detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
1.3
1.45
1.6
A
R
OCP = 60kΩ
2)
I
OCP,60kΩ
0.5
0.6
0.7
A
E522.08 Output
Output regulation threshold 1)
I
OUT = 1A
V
VIN = 14V
V
OUT
3.2
3.33
3.46
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
0.44
0.75
Ω
Overcurrent detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
1.3
1.45
1.6
A
R
OCP = 60kΩ
2)
I
OCP,60kΩ
0.5
0.6
0.7
A
E522.09 Output
Output regulation threshold 1)
I
OUT = 1A
V
VIN = 14V
V
SENSE
1.416
1.475
1.534
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
0.44
0.75
Ω
Overcurrent detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
1.3
1.45
1.6
A
R
OCP = 60kΩ
2)
I
OCP,60kΩ
0.5
0.6
0.7
A
1) Given value is switching threshold at pin SENSE, for V
VIN < VSENSE regulator provides 100% conductance mode
2) Measured at V
VIN = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com