Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E981.08 Datasheet(PDF) 39 Page - ELMOS Semiconductor AG

Part # E981.08
Description  Four independent operating channels
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.08 Datasheet(HTML) 39 Page - ELMOS Semiconductor AG

Back Button E981.08 Datasheet HTML 35Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 36Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 37Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 38Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 39Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 40Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 41Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 42Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 43Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
E981.08
Four Channel Sensor Interface PSI5
ADVANCE PRODUCT INFORMATION - JUL 26, 2011
5.2.6.3 SPI Failure Mode
5.2.6.3.1 SPI Errors
SPI Errors are defined as a condition, where the SPI frame format is incorrect. When detected, the 981.08
response with an error response message on MISO with the SPI Error (SE) bit is set.
The following conditions generate a SPI Error:
• Incorrect number of SPI SCK cycles while CSB is active (low). In case of zero SCK cycles no error bit is set.
• SCK is high at CSB falling edge.
5.2.6.3.2 SPI Request Error
SPI Request Errors are defined as conditions where the contents of a SPI request message are incorrect.
When detected, the 981.08 responds with an error response message on MISO with the Request Error (RE) bit
being set.
The following conditions generate an SPI Request Error:
• Undefined command (incorrect address in bits [12:8])
ELMOS Semiconductor AG
Data Sheet 39 / 46
QM-No.: 25DS0051E.00
This document contains information on a new product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com