Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD082 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD082
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD082 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD082 Datasheet HTML 1Page - Texas Instruments SN65MLVD082 Datasheet HTML 2Page - Texas Instruments SN65MLVD082 Datasheet HTML 3Page - Texas Instruments SN65MLVD082 Datasheet HTML 4Page - Texas Instruments SN65MLVD082 Datasheet HTML 5Page - Texas Instruments SN65MLVD082 Datasheet HTML 6Page - Texas Instruments SN65MLVD082 Datasheet HTML 7Page - Texas Instruments SN65MLVD082 Datasheet HTML 8Page - Texas Instruments SN65MLVD082 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
RECEIVER TYPE
PACKAGE MARKING
PACKAGE/CARRIER
SN65MLVD080DGG
Type 1
MLVD080
64-Pin TSSOP/Tube
SM65MLVD080DGGR
Type 1
MLVD080
64-Pin TSSOP/Tape and Reeled
SN65MLVD082DGG
Type 2
MLVD082
64-Pin TSSOP/Tube
SM65MLVD082DGGR
Type 2
MLVD082
64-Pin TSSOP/Tape and Reeled
PACKAGE DISSIPATION RATINGS
PACKAGE
PCB JEDEC
STANDARD
TA ≤ 25°C
POWER RATING
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 85°C
POWER RATING
DGG
Low-K(2)
1204.7 mW
10.5 mW/
_C
576 mW
DGG
High-K(3)
1839.4 mW
16.0 mW/
_C
880 mw
(1) This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2) In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3) In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Junction-to-board thermal resistance,
ΘJB
41.08
°C/W
Junction-to-case thermal resistance,
ΘJC
6.78
°C/W
VCC = 3.3 V, DE = VCC, RE = GND, CL = 15 pF,
RL = 50 Ω, 250 Mbps random data on each input
477
Device power dissipation
VCC = 3.6 V, DE = VCC, RE = GND, CL = 15 pF,
RL = 50 Ω, 250 Mbps data on one input and 125
MHz clock on the others
854(1)
mW
(1) When all channels are running at a 125-MHz clock frequency, a 250 lfm is required for a low-K board, and 150 lfm is required for a high-K board.
In such applications, a TI 1:8 or dual 1:4 M-LVDS buffer is highly recommended, SN65MLVD128 or SN65MLVD129, to fan out clock signals in
multiple paths.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD080, 082
Supply voltage range(2), VCC
−0.5 V to 4 V
Input voltage range
D, DE, RE
−0.5 V to 4 V
Input voltage range
A, B
−1.8 V to 4 V
Output voltage range
R
−0.3 V to 4 V
Output voltage range
A, or B
−1.8 V to 4 V
Human Body Model(3)
A, B
±8 kV
Electrostatic discharge
Human Body Model(3)
All pins
±2 kV
Electrostatic discharge
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
−65
°C to 150°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114−A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com