Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJD4435 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJD4435
Description  P-Channel 30-V(D-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJD4435 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJD4435 Datasheet HTML 1Page - ZP Semiconductor CJD4435 Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics ( Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-30
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-3
V
Gate-source leakage
IGSS
VDS =0V, VGS =±20V
±100
nA
Zero gate voltage drain current
IDSS
VDS =-30V, VGS =0V
-1
µA
VGS =-10V, ID =-9.1A
0.024
Drain-source on-state resistance
(note 3)
RDS(on)
VGS =-4.5V, ID =-6.9A
0.035
Ω
Forward transconductance (note 3)
gfs
VDS =-10V, ID =-9.1A
20
S
Dynamic (note 4)
Input capacitance
Ciss
1350
Output capacitance
Coss
215
Reverse transfer capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
185
pF
Turn-on delay time
td(on)
15
Rise time
tr
15
Turn-off delay time
td(off)
70
Fall time
tf
VDD=-15V,
RL=15Ω, ID≈-1A,
VGEN=-10V,RG=1Ω
25
ns
Gate Resistance
Rg
f =1MHz
5.8
Ω
Drain-source Body diode characteristics
Body diode voltage
VSD
IS=-2A, VGS =0
-1.2
V
Notes :
1. This test is performed with no heat sink at T
a=25
℃.
2. This test is performed with inifite heat sink at T
c=25
℃.
3. Pulse Test : Pulse width ≤300µs, Duty cycle ≤2%.
4. Guaranteed by design, not subject to production testing.
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJD4435



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com