Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040PFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB8040PFPR
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB8040PFPR Datasheet HTML 5Page - Texas Instruments TUSB8040PFPR Datasheet HTML 6Page - Texas Instruments TUSB8040PFPR Datasheet HTML 7Page - Texas Instruments TUSB8040PFPR Datasheet HTML 8Page - Texas Instruments TUSB8040PFPR Datasheet HTML 9Page - Texas Instruments TUSB8040PFPR Datasheet HTML 10Page - Texas Instruments TUSB8040PFPR Datasheet HTML 11Page - Texas Instruments TUSB8040PFPR Datasheet HTML 12Page - Texas Instruments TUSB8040PFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
2.1
Clock and Reset Signals
Table 2-1. Clock and Reset Signals
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
Global power reset. This reset brings all of the TUSB8040 internal registers to their default
GRSTz
I, PU
33
states. When GRSTz is asserted, the device is completely nonfunctional. GRSTz should
be asserted a minimum of 3 ms after all power rails are valid at the device.
Crystal input. This terminal is the crystal input for the internal oscillator. The input may
XI
I
76
alternately be driven by the output of an external oscillator. When using a crystal a 1-M
Ω
feedback resistor is required between XI and XO.
Crystal output. This terminal is crystal output for the internal oscillator. If XI is driven by an
XO
O
74
external oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback
resistor is required between XI and XO.
Oscillator return. If using a crystal, the load capacitors should use this signal as the return
VSSOSC
I
75
path and it should not be connected to the PCB ground. If using an oscillator, this terminal
should be connected to PCB Ground.
2.2
USB Upstream Signals
Table 2-2. USB Upstream Signals
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
USB_SSTXP_UP
O
63
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
O
62
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
I
66
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
I
65
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
I/O
70
USB high-speed differential transceiver (positive)
USB_DM_UP
I/O
69
USB high-speed differential transceiver (negative)
Precision resistor reference. A 9.09-K
Ω ±1% resistor should be connected between
USB_R1
PT
78
USB_R1 and USB_R1RTN.
USB_R1RTN
PT
79
Precision resistor reference return
USB Upstream port power monitor. The USB_VBUS input is a 1.2-V I/O cell and requires
a voltage divider to prevent damage to the input. The signal USB_VBUS must be
USB_VBUS
I
73
connected to VBUS through a 90.9-k
Ω ±1% resistor, and to signal ground through a 10-kΩ
±1% resistor. This allows the input to detect VBUS present from a minimum of 4 V and
sustain a maximum VBUS voltage up to 10 V (applied to the voltage divider).
Copyright © 2010–2013, Texas Instruments Incorporated
PIN DESCRIPTIONS
9
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com