Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9261IPAPQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9261IPAPQ1
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB9261IPAPQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB9261IPAPQ1 Datasheet HTML 1Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 2Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 3Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 4Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 5Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 6Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 7Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 8Page - Texas Instruments TUSB9261IPAPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TUSB9261-Q1
SLLSEE2A – JANUARY 2014 – REVISED JANUARY 2014
www.ti.com
Table 1. I/O Definitions
I/O TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input - Output
PU
Internal pull-up resistor
PD
Internal pull-down resistor
PWR
Power signal
Table 2. Clock and Reset Signals
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
I
Global power reset. This reset brings all of the TUSB9261-Q1 internal registers to their default
GRSTz
4
PU
states. When GRSTz is asserted, the device is completely nonfunctional.
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately
XI
52
I
be driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback resistor
is required between X1 and XO.
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by an
XO
54
O
external oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback
resistor is required between X1 and XO.
Frequency select. These terminals indicate the oscillator input frequency and are used to
configure the correct PLL multiplier. The field encoding is as follows:
FREQSEL[1]
FREQSEL[0]
INPUT CLOCK FREQUENCY
I
0
0
20 MHz
FREQSEL[1:0]
31, 30
PU
0
1
25 MHz
1
0
30 MHz
1
1
40 MHz
Table 3. SATA Interface Signals(1)
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
SATA_TXP
57
O
Serial ATA transmitter differential pair (positive)
SATA_TXM
56
O
Serial ATA transmitter differential pair (negative)
SATA_RXP
60
I
Serial ATA receiver differential pair (positive)
SATA_RXM
59
I
Serial ATA receiver differential pair (negative)
(1)
Note that the default firmware and reference design for the TUSB9261-Q1 have the SATA TXP/TXM swapped for ease of routing in the
reference design. If you plan to use the TI default firmware please review the reference design in the TUSB9261 DEMO User’s Guide
(SLLU139) for proper SATA connection.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links :TUSB9261-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com