Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2T45DCTT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2T45DCTT
Description  DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2T45DCTT Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC2T45DCTT Datasheet HTML 12Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 13Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 14Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 15Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 16Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 17Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 18Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 19Page - Texas Instruments SN74LVC2T45DCTT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SN74LVC2T45
DUALBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES516E − DECEMBER 2003 − REVISED MAY 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 4 shows the SN74LVC2T45 being used in a bidirectional logic level-shifting application. Since the
SN74LVC2T45 does not have an output enable (OE) pin, the system designer should take precautions to avoid bus
contention between SYSTEM-1 and SYSTEM-2 when changing directions.
VCC1
VCC1
VCC2
SYSTEM-1
SYSTEM-2
1
2
3
4
8
7
6
5
DIR CTRL
I/O-1
Pullup/Down
or Bus Hold†
VCC2
I/O-2
Pullup/Down
or Bus Hold†
Following is a sequence that illustrates data transmission from SYSTEM-1 to SYSTEM-2 and then from SYSTEM-2
to SYSTEM-1.
STATE
DIR CTRL
I/O 1
I/O 2
DESCRIPTION
1
H
OUT
IN
SYSTEM-1 data to SYSTEM-2
2
H
HI-Z
HI-Z
SYSTEM-2 is getting ready to send data to
SYSTEM-1. I/O-1 and I/O-2 are disabled.
The bus-line state depends on pullup or pulldown.†
3
L
HI-Z
HI-Z
DIR bit is flipped. I/O-1 and I/O-2 still are disabled.
The bus-line state depends on pullup or pulldown.†
4
L
OUT
IN
SYSTEM-2 data to SYSTEM-1
† SYSTEM-1 and SYSTEM-2 must use the same conditions, i.e., both pullup or both pulldown.
Figure 4. Bidirectional Logic Level-Shifting Application
enable times
Calculate the enable times for the SN74LVC2T45 using the following formulas:
1.
tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
2.
tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
3.
tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
4.
tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
In a bidirectional application, these enable times provide the maximum delay from the time the DIR bit is
switched until an output is expected. For example, if the SN74LVC2T45 initially is transmitting from A to B, then
the DIR bit is switched, the B port of the device must be disabled before presenting it with an input. After the
B port has been disabled, an input signal applied to it appears on the corresponding A port after the specified
propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com