Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102403210089 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 102403210089
Description  Messerl. SMC-Q 40-SMD-BA8-13
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

102403210089 Datasheet(HTML) 1 Page - ERNI Electronics

  102403210089 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1,5 -0,03
Abspulrichtung -
Reel off Direction
Koplanarität der Anschlüsse ≤ 0,1 mm
Coplanarity Area of Termination ≤
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
0,1 mm
330
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 280 Stück
Packaging unit: 280 pcs
4,2
5
a1
a20
24,13
30,48
1,27
19 x 1,27 =
26,35
27,35
Class
Messerl. SMC-Q 40-SMD-BA8-13
All Dimensions
Male SMC-Q 40-SMD-type8-13
SMCQ
contact one of the ERNI companies
www.ERNI.com
102403210089
3:1
Information:
Tolerances
Scale
A3
Index
e
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
K
25.07.2016
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
BA 8-13 - 8mm Bauhöhe
type 8-13 - Low Profile
Ansaughaube
hood
17
±0,03
28,15
28,55
a1
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
1,2
28,55 ±0,03
0,8
-0,03
19 x 1,27 = 24,13
1,6
0,3
±0,03
1,27
2,21
a1
16


Similar Part No. - 102403210089

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102403210045 ERNI-102403210045 Datasheet
80Kb / 1P
M 2,54 DRC-Q, 20-polig
102403210051 ERNI-102403210051 Datasheet
54Kb / 1P
F 2,54 SRC-A, 6-polig BA 2
More results

Similar Description - 102403210089

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
244837 ERNI-244837 Datasheet
83Kb / 1P
Messerl. SMC-Q 26-SMD-BA8-13
254590 ERNI-254590 Datasheet
87Kb / 1P
Messerl. SMC-Q 40-SMD-BA8-13
254587 ERNI-254587 Datasheet
73Kb / 1P
Messerl. SMC-Q 16-SMD-BA8-13
100903440002 ERNI-100903440002 Datasheet
153Kb / 1P
Messerl. SMC-Q 68-SMD-BA8-13
100103140005 ERNI-100103140005 Datasheet
175Kb / 1P
Messerl. SMC-Q 80-SMD-BA8-13
100103210031 ERNI-100103210031 Datasheet
96Kb / 1P
Messerl. SMC-Q 26-SMD-BA8-13
100204120001 ERNI-100204120001 Datasheet
103Kb / 1P
Messerl. SMC-Q 40-SMD-BA8-13
100203940001 ERNI-100203940001 Datasheet
88Kb / 1P
Messerl. SMC-Q 16-SMD-BA8-13
100304120001 ERNI-100304120001 Datasheet
97Kb / 1P
Messerl. SMC-Q 26-SMD-BA8-13
103203880001 ERNI-103203880001 Datasheet
66Kb / 1P
Messerl. SMC-Q 12-SMD-BA8-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com