Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1 Datasheet(PDF) 290 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 290 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 286Page - STMicroelectronics ST7MC1 Datasheet HTML 287Page - STMicroelectronics ST7MC1 Datasheet HTML 288Page - STMicroelectronics ST7MC1 Datasheet HTML 289Page - STMicroelectronics ST7MC1 Datasheet HTML 290Page - STMicroelectronics ST7MC1 Datasheet HTML 291Page - STMicroelectronics ST7MC1 Datasheet HTML 292Page - STMicroelectronics ST7MC1 Datasheet HTML 293Page - STMicroelectronics ST7MC1 Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 308 page
background image
ST7MC1/ST7MC2
290/308
14 ST7MC DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in ROM
versions and in user programmable versions
(FLASH) as well as in factory coded versions
(FASTROM). ST7MC are ROM devices. ST7PMC
devices are Factory Advanced Service Technique
ROM (FASTROM) versions: they are programmed
FLASH devices.
ST7FMC FLASH devices are shipped to custom-
ers with a default content (FFh), while ROM/FAS-
TROM factory coded parts contain the code sup-
plied by the customer. This implies that FLASH de-
vices have to be configured by the customer using
the Option Bytes while the ROM devices are facto-
ry-configured.
14.1 FLASH OPTION BYTES
The option bytes allow the hardware configuration
of the microcontroller to be selected. They have no
address in the memory map and can be accessed
only in programming mode (for example using a
standard ST7 programming tool). The default con-
tent of the FLASH is fixed to FFh. This means that
all the options have “1” as their default value.
OPTION BYTE 0
OPT7= WDG HALT Watchdog and HALT mode
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6= WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5 = CKSEL Clock Source Selection.
0: PLL clock selected1)
1: Oscillator clock selected
Note 1: Even if PLL clock is selected, a clock signal must
always be present (refer to Figure 13. on page 27)
OPT4:3= VD[1:0] Voltage detection
These option bits enable the voltage detection
block (LVD, and AVD).
OPT2 = RSTC RESET clock cycle selection
This option bit selects the number of CPU cycles
applied during the RESET phase and when exiting
HALT mode. For resonator oscillators, it is advised
to select 4096 due to the long crystal stabilization
time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
Note: When the PLL clock is selected (CKSEL=0),
the reset clock cycle selection is forced to 4096
CPU cycles.
OPT1= DIV2 Divider by 2
1: DIV2 divider disabled with OSCIN = 8MHz
0: DIV2 divider enabled (in order to have 8 MHz re-
quired for the PLL with OSCIN =16 Mhz))
OPT0= FMP_R Flash memory read-out protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
This protection is based on a read/write protection
of the memory in test modes and ICP mode. Eras-
ing the option bytes when the FMP_R option is se-
lected causes the whole user memory to be
erased first and the device can be reprogrammed.
Refer to the ST7 Flash Programming Reference
Manual and section 4.3.1 on page 21 for more de-
tails.
0: Read-out protection enabled
1: Read-out protection disabled
STATIC OPTION BYTE 0
70
STATIC OPTION BYTE 1
70
WDG
VD
PKG
MCO
10
21
0
Default
value
11
11
1
1
1
1
1
1
11
1
1
1
1
Selected Low Voltage Detector
VD1
VD0
LVD and AVD On
0
0
LVD On and AVD Off
0
1
LVD and AVD Off
10
11
Selected Low Voltage Detector
VD1
VD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com