Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1 Datasheet(PDF) 293 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 293 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 289Page - STMicroelectronics ST7MC1 Datasheet HTML 290Page - STMicroelectronics ST7MC1 Datasheet HTML 291Page - STMicroelectronics ST7MC1 Datasheet HTML 292Page - STMicroelectronics ST7MC1 Datasheet HTML 293Page - STMicroelectronics ST7MC1 Datasheet HTML 294Page - STMicroelectronics ST7MC1 Datasheet HTML 295Page - STMicroelectronics ST7MC1 Datasheet HTML 296Page - STMicroelectronics ST7MC1 Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 308 page
background image
ST7MC1/ST7MC2
293/308
ST7MC DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
ST7MC MICROCONTROLLER OPTION LIST
(Last update: June 2006)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM or FASTROM Code* : . . . . . . . . . . . .
*The ROM or FASTROM code name is assigned by STMicroelectronics.
ROM or FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Special Marking
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Temperature range
[ ] - 40°C to + 85°C
[ ] - 40°C to + 125°C
MCO (Motor Control Output
state under reset)
[ ] Hiz
[ ] Low
[ ] High
DIV2
[ ] Disabled
[ ] Enabled
CKSEL
[ ] Oscillator clock
[ ] PLL clock
Watchdog Selection
[ ] Software Activation
[ ] Hardware Activation
Halt when Watchdog on
[ ] Reset
[ ] No reset
Readout Protection
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] Enabled
AVD Interrupt (if LVD enabled) [ ] Disabled
[ ] Enabled
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list
---------------
ROM
---------------
|
|
--------------------
8K
--------------------
|
|
-------------------
-
16K
-------------------
|
|
--------------------
32K
--------------------
|
|
-------------------
48K
-------------------
|
|
--------------------
60K
--------------------
|
|
LQFP32: | [ ] ST7MC1K2 | [ ] ST7MC1K4 |
|
|
|
LQFP44: |
| [ ] ST7MC2S4 |
|
|
|
---------------
FASTROM
---------------
|
|
--------------------
8K
--------------------
|
|
-------------------
16K
-------------------
|
|
--------------------
32K
--------------------
|
|
-------------------
-
48K
-------------------
|
|
--------------------
60K
--------------------
|
|
LQFP32: | [ ] ST7PMC1K2 | [ ] ST7PMC1K4|
|
|
|
LQFP44: |
| [ ] ST7PMC2S4| [ ] ST7PMC2S6|
|
|
LQFP64: |
|
| [ ] ST7PMC2R6| [ ]ST7PMC2R7|
|
LQFP80: |
|
|
|
| [ ] ST7PMC2M9|
[ ] Tape & Reel
[ ] Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com