Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1 Datasheet(PDF) 306 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 306 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 300Page - STMicroelectronics ST7MC1 Datasheet HTML 301Page - STMicroelectronics ST7MC1 Datasheet HTML 302Page - STMicroelectronics ST7MC1 Datasheet HTML 303Page - STMicroelectronics ST7MC1 Datasheet HTML 304Page - STMicroelectronics ST7MC1 Datasheet HTML 305Page - STMicroelectronics ST7MC1 Datasheet HTML 306Page - STMicroelectronics ST7MC1 Datasheet HTML 307Page - STMicroelectronics ST7MC1 Datasheet HTML 308Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 306 / 308 page
background image
ST7MC1/ST7MC2
306/308
16 REVISION HISTORY
Table 96. Revision History
Date
Revision
Description of Changes
April-2005
6
Added one sales type (ST7FMC1K4T6)
Changed port description for MCES in Table 1, “ST7MC Device Pin Description,” on
page 12 and added note 3
Changed register addresses in Table 15, “PWM Auto-Reload Timer Register Map and Re-
set Values,” on page 74
Changed title of Figure 123 on page 227 and Figure 124
Changed Table 36 on page 166
Changed MTIM timer value to 100h in section “b” on page 171
Changed text above Figure 98. on page 177 (15kHz instead of 20kHz and replaced fCPU =
4MHz by fMTC = 4MHz) and changed Figure 98 (15kHz instead of 20kHz)
Changed Figure 107. on page 188
Changed Figure 108. on page 189
Changed Figure 115 on page 197
Changed description of OO[5:0] bits in the MPHST register (section 10.6.13 on page 206)
Changed min and max values for RON in section 12.9.1 on page 266
Changed Figure 144 and Figure 145. on page 267 and notes
July-2005
7
Added ST7FMC1K2T3 and ST7FMC1K6TC sales types (updated device summary on 1st
page and “Supported part numbers” on page 292)
Changed VIT- and VIT+ in section 12.3.2 on page 250
Removed note 1 in section 12.4.4 on page 253
Changed IINJ(PIN) in section 12.8.1 on page 263 and removed note 1 for VIL and VIH
Changed RON max in section 12.9.1 on page 266 and removed note 1 for VIL, VIH and RON
Removed subsection in Important Notes Section 14 : “Op-Amp input offset voltage”
Notes for Table in Section 12.13 updated, removing link to ”Op-Amp input offset voltage”
Nov-2005
8
Flash memory data retention changed (first page and Section 12.6.2)
Removed references to true open drain I/Os.Updated Table 1 on page 12: replaced
MCZEM5) by MCZEM6), and replaced Port H0, Port H1, Port H2 and Port H3 respectively
by Port H4, Port H5, Port H6 and Port H7 (in the rows corresponding to PH4, PH5, PH6 and
PH7 in the “Pin name column”
Updated note 8 in Table 1 on page 12
Added section 5 on page 24
Added note to section 6.1 on page 28
Added note to section 6.2.1 on page 29 and updated Figure 15. on page 29
Changed section 10.5.5.2 on page 110 (when a character transmission is complete, etc.)
Modified Table 34 on page 161 (window and event filters column)
Replaced MISR register by MIMR register in the 3rd paragraph of “Switched Mode” on page
168
Removed caution and added notes 3 and 4 below Figure 93. on page 170 in section 10.6.7.2
on page 170
In section 10.6.6.11 on page 163 and in Figure 94 on page 172, replace “TES[1:0] = 00,01
or 10” by “TES[1:0] = 00,10 or 11”
Changed VIT+(AVD) min value in section 12.3.3 on page 250
Changed section 12.5.3 on page 256
Changed Is parameter description and note 4 in section 12.8.1 on page 263
Updated note 3 in section 12.8.1 on page 263
Added note to Figure 138. on page 264
Removed 32K ROM versions: changed “Supported part numbers” on page 290 and “ST7MC
MICROCONTROLLER OPTION LIST” on page 291
Changed “FLASH/FASTROM DEVICES ONLY” on page 297 (added table) and added “RE-
SET VALUE OF UNAVAILABLE PINS” on page 300
Modified section 15.5 on page 300
Added Important Notes subsection section 15.5 on page 300: “Injected Current On PD7”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com