Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2310FX Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2310FX
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2310FX Datasheet(HTML) 2 Page - STMicroelectronics

  ST2310FX Datasheet HTML 1Page - STMicroelectronics ST2310FX Datasheet HTML 2Page - STMicroelectronics ST2310FX Datasheet HTML 3Page - STMicroelectronics ST2310FX Datasheet HTML 4Page - STMicroelectronics ST2310FX Datasheet HTML 5Page - STMicroelectronics ST2310FX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.9
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1500 V
VCE = 1500 V
TJ = 125
oC
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
L = 25 mH
600
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 7 A
IB = 1.75 A
3
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 7 A
IB = 1.75 A
1.1
V
hFE
∗
DC Current Gain
IC = 1 A
VCE = 5 V
IC = 7 A
VCE = 1 V
IC = 7 A
VCE = 5 V
6.5
25
5.5
9.5
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 6 A
fh = 64 KHz
IB(on) = 1 A
VBE(off) = -2.5 V
LBB(off) = 1.3
µH
(see figure 1)
2.3
0.16
3
0.35
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
ST2310FX
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com