Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUTE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66DCUTE4
Description  DUAL BILATERAL ANALOG SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66DCUTE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G66DCUTE4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN74LVC2G66
DUAL BILATERAL ANALOG SWITCH
SCES325H – JULY 2001 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IS = 4 mA
1.65 V
12.5
30
VI = VCC or GND,
IS = 8 mA
2.3 V
9
20
ron
On-state switch resistance
VC = VIH
Ω
IS = 24 mA
3 V
7.5
15
(see Figure 1 and Figure 2)
IS = 32 mA
4.5 V
6
10
IS = 4 mA
1.65 V
85
120(1)
VI = VCC to GND,
IS = 8 mA
2.3 V
22
30(1)
ron(p)
Peak on-state resistance
VC = VIH
Ω
IS = 24 mA
3 V
12
20
(see Figure 1 and Figure 2)
IS = 32 mA
4.5 V
7.5
15
IS = 4 mA
1.65 V
7
VI = VCC to GND,
IS = 8 mA
2.3 V
5
Difference of on-state resistance
∆r
on
VC = VIH
Ω
between switches
IS = 24 mA
3 V
3
(see Figure 1 and Figure 2)
IS = 32 mA
4.5 V
2
VI = VCC and VO = GND or
±1
IS(off)
Off-state switch leakage current
VI = GND and VO = VCC,
5.5 V
µA
±0.1(1)
VC = VIL (see Figure 3)
±1
VI = VCC or GND, VC = VIH, VO = Open
IS(on)
On-state switch leakage current
5.5 V
µA
(see Figure 4)
±0.1(1)
±1
II
Control input current
VC = VCC or GND
5.5 V
µA
±0.1(1)
10
ICC
Supply current
VC = VCC or GND
5.5 V
µA
1(1)
∆I
CC
Supply-current change
VC = VCC – 0.6 V
5.5 V
500
µA
Cic
Control input capacitance
5 V
3.5
pF
Cio(off)
Switch input/output capacitance
5 V
6
pF
Cio(on)
Switch input/output capacitance
5 V
14
pF
(1)
TA = 25°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd(1)
A or B
B or A
2
1.2
0.8
0.6
ns
ten(2)
C
A or B
2.3
10
1.6
5.6
1.5
4.4
1.3
3.9
ns
tdis(3)
C
A or B
2.5
10.5
1.2
6.9
2
7.2
1.1
6.3
ns
(1)
tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the
switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com