Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5481 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 2N5481
Description  NPN UHF POWER Amplifier Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2N5481 Datasheet(HTML) 1 Page - American Microsemiconductor

  2N5481 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
2N5481
NPN UHF Power Amplifier Transistor 
© 2013 American Microsemiconductor, Inc. 
Specifications are subject to change without notice. 
Aerospace Mgmt. Sys. Cert.  
AS/EN/JISQ9100:2009 Rev. C 
ISO9001:2008 
Cert No. 45325 
133 Kings Road,  
Madison, New Jersey  07940 
United States of America 
Tel. 1-­‐973-­‐377-­‐9566,   Fax. 1-­‐973-­‐377-­‐3078 
www.americanmicrosemi.com  
Document Page 1 of 1 
Revised 06/2013 
 
Description
Sym.
Min
Max
Unit
Emitter To Base Voltage
VEBO
3.5
V
IEBO=100µA
Collector to Emitter Voltage
IC = 10mA, IB = 0
VCEO
30
V
IC = 10mA, R = 10 OHMS
VCER
55
Collector Cutoff Current
ICEX
1.0
mA
VCE = 55V, VBE = -1.5V
DC Current Gain
hFE
20
150
VCE = 5.0V, IC = 100mA
High Frequency Current Gain
hfe
3.2
IC = 100mA, VCE = 5V, f = 500MHz
Output Capacitance
Cob
1.8
2.5
pF
VCB = 30V, f = 1.0MHz
Power Output (Collector Eff. 25% Min.)
P(OUT)
1.0
W
VCE=28V, P(IN)=300mW, f=2.0GHz
in Vendor's Test Circuit
Noise Figure
NF
5.0
dB
RF Power Gain
PG
15
dB
f=400MHz, POUT=-10DBM
 
 
 
§
Hermetically sealed ceramic-
metal stud stripline package.
FEATURES 
MAXIMUM RATINGS 
ELECTRICAL CHARACTERISTICS ( @ 25°C UNLESS OTHERWISE SPECIFIED) 
Description
Sym.
Value
Unit
Collector-to-Base Voltage:
VCBO
55
V
Collector-to-Emitter Voltage:
VCEO
30
V
Emitter-to-Base Voltage:
VEBO
3.5
V
Collector Current:
IC
200
mA
Power Dissipation @ 25°C Stud Temp.:
5
W
Thermal Resistance (Junction-to-stud):
θJC
35
°C/W
Operating Junction Temperature:
TJ
-65 to +200
°C
Storage Temperature:
TSTG
-65 to +200
°C
Stud Torque:
7
IN-LBS.
IMAGE SERVES AS A REPRESENTATION ONLY
DRAWING (TOP/SIDE) 


Similar Part No. - 2N5481

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N548 NJSEMI-2N548 Datasheet
124Kb / 1P
NPN SWITCHING TRANSISTORS
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
2N5484 FAIRCHILD-2N5484 Datasheet
73Kb / 7P
N-Channel RF Amplifier
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
More results

Similar Description - 2N5481

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TP3005 MOTOROLA-TP3005 Datasheet
110Kb / 4P
UHF POWER TRANSISTOR NPN SILICON
TP3022B MOTOROLA-TP3022B Datasheet
51Kb / 2P
NPN SILICON UHF POWER TRANSISTOR
TP3061 MOTOROLA-TP3061 Datasheet
118Kb / 6P
UHF POWER TRANSISTOR NPN SILICON
logo
NTE Electronics
NTE69 NTE-NTE69 Datasheet
20Kb / 2P
Silicon NPN Transistor UHF/VHF Amplifier
logo
Toshiba Semiconductor
2SC2641 TOSHIBA-2SC2641 Datasheet
119Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2642 TOSHIBA-2SC2642 Datasheet
118Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2643 TOSHIBA-2SC2643 Datasheet
119Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2783 TOSHIBA-2SC2783 Datasheet
117Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
2SC3006 TOSHIBA-2SC3006 Datasheet
115Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
logo
NEC
NE74000 NEC-NE74000 Datasheet
340Kb / 7P
NPN MEDIUM POWER UHF-VHF TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com