Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3129 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC3129
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3129 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC3129 Datasheet HTML 6Page - Linear Integrated Systems LTC3129 Datasheet HTML 7Page - Linear Integrated Systems LTC3129 Datasheet HTML 8Page - Linear Integrated Systems LTC3129 Datasheet HTML 9Page - Linear Integrated Systems LTC3129 Datasheet HTML 10Page - Linear Integrated Systems LTC3129 Datasheet HTML 11Page - Linear Integrated Systems LTC3129 Datasheet HTML 12Page - Linear Integrated Systems LTC3129 Datasheet HTML 13Page - Linear Integrated Systems LTC3129 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4420
10
4420f
For more information www.linear.com/LTC4420
applicaTions inForMaTion
Typical V1 undervoltage threshold is:
VV1UV =
VTHC
R1
• R1
+R2+R3
(
)
(2)
Worst-case VOL due to current flow into the GNDSW pin
must be taken into account while calculating values for
the V2 undervoltage resistive divider:
VV2UV =
VTHC
R4
+
VOL
100µA
• R4
+R5+
VOL
100µA


(3)
Equations 1-3 assume ADJ and CMP1 pin leakages are
negligible. To account for pin leakage, equations 1-3 must
be modified by an ILEAK • REQ term where equivalent
resistance REQ must be calculated on a case-by-case ba-
sis. Worst-case component values and reference voltage
tolerances must be used to calculate the maximum and
minimum threshold voltages. For example, to calculate
minimum falling switchover threshold voltage VSW1(MIN),
use VTHA(MIN), (R2+R1)(MAX), R3(MIN) in equation 1.
Figure 2. ADJ Comparator Propagation Delay as a
Function of Slew Rate; tPDA vs dVADJ/dt
where IOUT is the current supplied by COUT during non-
overlap or dead time, tNOV. Choosing:
COUT
tNOV •IOUT
∆VOUT
(5)
limits output droop to less than
∆VOUT.
In order to estimate tNOVandIOUT,firstconsiderascenario
where power supplies are present on V1 and V2, and their
voltages are changing slowly compared to the ADJ com-
parator propagation delay tPDA. For such cases, IOUT is
ILOAD and tNOV is tSWITCH. COUT can be sized according to
equation 5 with IOUT = ILOAD(MAX) and tNOV = tSWITCH(MAX)
tolimitmaximumoutputdroopwhenswitchingtoahigher
supply. When switching to a lower supply, switchover is
initiated only after OUT falls VREV below the supply that
is being switched in. In such cases, total output droop is
∆VOUT + VREV.
Next consider a scenario where the input power source
powering OUT is unplugged. OUT backfeeds circuitry
connected to the input supply pin. Both input and output
droop at the same rate. Referring to Figure 1, assume
the battery on V1 is unplugged when OUT is connected
to V1. IOUT is the sum of ILOAD and the back fed current
IBACK, which in this example is IR3. As OUT and V1, since
the two are connected, droop below the ADJ threshold,
switchover occurs to V2 with a dead time
tNOV = tPDA + tSWITCH
(6)
where tPDA is an overdrive dependent ADJ comparator
delay. As an approximation, use tPDA from the Electrical
Characteristics table to estimate tNOV. Use this tNOV and:
IOUT = (IBACK + ILOAD)
(7)
in equation 5 to size COUT:
COUT
tPDA + tSWITCH
(
)•IOUT
∆VOUT
(8)
Refer to Figure 2 for a more accurate estimate of tPDA vs
dVOUT/dt.IfADJisfilteredwithcapacitorCADJ,itsdischarge
time via divider R1 – R3 increases tPDA. This results in a
higher output droop than estimated by equation (8).
Selecting Output Capacitor COUT
COUTcanbeselectedtocontroleitheroutputvoltagedroop
during switchover or output rising slew rate during initial
power-up or when switching to a higher supply.
In general, output droop, ΔVOUT, can be calculated by:
VOUT =
tNOV •IOUT
COUT
(4)
dVADJ /dt (V/s)
10
100
1k
10k
100k
0
25
50
75
100
125
4420 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com