Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LTC4355
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4355 Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LTC4355 Datasheet HTML 9Page - Linear Integrated Systems LTC4355 Datasheet HTML 10Page - Linear Integrated Systems LTC4355 Datasheet HTML 11Page - Linear Integrated Systems LTC4355 Datasheet HTML 12Page - Linear Integrated Systems LTC4355 Datasheet HTML 13Page - Linear Integrated Systems LTC4355 Datasheet HTML 14Page - Linear Integrated Systems LTC4355 Datasheet HTML 15Page - Linear Integrated Systems LTC4355 Datasheet HTML 16Page - Linear Integrated Systems LTC4355 Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4420
13
4420f
For more information www.linear.com/LTC4420
applicaTions inForMaTion
2. To provide default battery backup monitoring and dis-
connect in systems where V2TEST and V2DIS are not
actively driven. V2TEST and V2DIS are either tied high
or low in these applications.
3. To allow a system powered by OUT to shut itself down
if there is no valid input supply.
4. To support backup battery charging without having to
disconnect the battery from the system.
5. Handling exceptions such as initial power up, recov-
ery from thermal shutdown and switchover after long
intervals when V2 was not being monitored.
Configuring V2TEST and V2DIS
V2TEST controls the duration of and the time between
V2 monitoring events. It can either be tied high, low or
actively driven based on the application. The following
section explores common scenarios.
In applications where primary supply V1 is going to be
valid for long periods of time and where V2TEST can be
activelydriven,V2TESTshouldgenerallybedrivenlowand
onlypulsedhighwhenV2statusisneeded.Thisminimizes
V2-V2UV-GNDSW divider current. This scenario also
applies when V2 is a battery that slowly discharges over
time, making a V2 status update every 132s superfluous.
When operating off V2, V2TEST may be pulsed at intervals
shorter than 131s to check V2’s validity especially after
large load current spikes.
If V2TEST cannot be actively driven, it should be tied to
either V2 or OUT through a pull-up resistor. If V2 can be
reversed, tie V2TEST to OUT. Tying V2TEST high ensures
that V2 is monitored every 132s as long as V2 > 1.55V.
V2 monitoring duration is 128ms when V2 is valid and
reduces to 2ms if V2 becomes invalid. Use smaller resis-
tors in the V2-V2UV-GNDSW divider if V2 is a battery that
can develop a passivation layer when it is not being used.
Larger V2 current helps break the passivation whenever
the V2 divider is active.
In special cases where V2 needs to be monitored only
when V1 goes invalid and when battery passivation is not
an issue, tie V2TEST low.
If automatic V2 disconnect is desired when a V2 UV event
occurs, tie V2DIS low. Otherwise leave open or tie to either
OUT or V2 through a pull up resistor. If V2 can be reversed,
tie V2DIS to OUT. If V2DIS can be actively driven, driving
it low some time after a V2 UV event (output V2OK goes
low)allowssystemspoweredbyOUTtofinishactivetasks,
backup data and initiate shutdown proceedings.
Actively Driving V2TEST
In Figure 5, V2TEST is actively driven. When V1 powers up
above switchover threshold VSW1, it is qualified for 64ms
after which the V1 to OUT power path is activated. When
V2 rises above 1.55V, GNDSW is pulsed low for 128ms
and V2UV is monitored, even though V2TEST is low. V2
is found to be valid resulting in V2OK being driven high.
As long as V1 remains valid, V2 is monitored only when
V2TEST is driven high with V2 monitoring time being the
lower of either the V2TEST high time or 128ms. Figure 5
shows two such monitoring events of durations t1 and
t2 where t1 and t2 are less than 128ms. When V1 drops
below VSW1, OUT is switched to V2 and V2 validity is
refreshed by monitoring it once for 128ms independent
of the state of V2TEST. Following this, since V2 is the
only valid supply, V2 is monitored for 2ms every 132s
if V2TEST is low or for 128ms every 132s if V2TEST is
high. If V2 becomes invalid and V2DIS is low, the V2 to
OUT power path gets disabled.
V2TEST Tied Low
Figure 6 shows voltage waveforms for the case where
V2TEST is tied low. When V2 powers up above 1.55V,
GNDSWispulsedlowandV2ismonitoredoncefor128ms.
Simultaneously, the V2 to OUT power path is activated in
order to allow a system powered by OUT to power itself
up and drive V2DIS to a desired state. V2 is determined
to be valid causing V2OK to be driven high and the V2
power path to remain activated. If V2 was determined to
be invalid and V2DIS was low, V2’s power path would have
been disabled and V2OK pulled low after 128ms. Since
both V1 and V2TEST are low, V2 is monitored for 2ms
every 132s. When V1 becomes valid, OUT is switched to
V1 and V2 monitoring is halted until V1 becomes invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com