Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-758-103A-R1- Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-758-103A-R1-
Description  PRESSURE TRANSDUCERS WITH AMP.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-758-103A-R1- Datasheet(HTML) 4 Page - Copal Electronics

  PA-758-103A-R1- Datasheet HTML 1Page - Copal Electronics PA-758-103A-R1- Datasheet HTML 2Page - Copal Electronics PA-758-103A-R1- Datasheet HTML 3Page - Copal Electronics PA-758-103A-R1- Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
14
23.5
φ
(SUS304)
(PPS)
43.6
11
7
18
Power(+)
Output
CAL.
①
②
③
Fitting
Housing
Output connector
Plug
Plug Housing 174357-2
Tyco Electronics Japan G.K.
Econoseal Series
〔Mark ll(+)〕
Pressure Port
M5 depth 6
Label 1
Label 2
O Configurations of joint R1 (R1/8) type
R1/4
(SUS304)
(PPS)
14
23.5
φ
45.5
13
7
18
Power(+)
Output
CAL.
①
②
③
Output connector
Plug
Fitting
Housing
Plug Housing 174357-2
Tyco Electronics Japan G.K.
Econoseal Series
〔Mark ll(+)〕
Label 1
Label 2
Pressure Port
M5 depth 6
O Configurations of joint R2 (R1/4) type
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance : 0.5
(Unit: mm)
Wire color
Brown
White
Connection
Power
B
Output
PA-758
PRESSURE TRANSDUCERS WITH AMP.
30.9
With connector
L = 1500 100
50 10
Econoseal Series
〔Mark ll(+)〕
Tyco Electronics Japan G.K
Plug Housing
:174357-2
Receptacle contact:171630-5
q
( 5.3)
3-core shield cable
AWG22UL2517
Note When CAL. is connected, the main unit of
the sensor might malfunction or be damaged.
Note When CAL. is connected, the main unit of
the sensor might malfunction or be damaged.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com