Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1100SLPE Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1100SLPE
Description  1100 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1100SLPE Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1100SLPE Datasheet HTML 1Page - Artesyn Technologies DS1100SLPE Datasheet HTML 2Page - Artesyn Technologies DS1100SLPE Datasheet HTML 3Page - Artesyn Technologies DS1100SLPE Datasheet HTML 4Page - Artesyn Technologies DS1100SLPE Datasheet HTML 5Page - Artesyn Technologies DS1100SLPE Datasheet HTML 6Page - Artesyn Technologies DS1100SLPE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS1100SLPE Data Sheet
Electrical Specifications
Protections
Main Output
MIN
NOM
MAX
Overcurrent protection2
107%
130%
Overvoltage protection1
13.5 V
15.0 V
Overtemperature protection
Yes, autorecovery
Fan fault protection
Yes
Standby Output
Over-current protection3:
110%
150%
Over-voltage protection1
3.6 V
3.9 V
1
Latch mode
2
No shutdown if the overcurrentis within the range and does notlast for more than 200 ms, otherwise latch will occur
3
Autorecovery
Control and Status Signals
Input Signals
PSON_L
Active LOW signal which enables/disables the main output. Pulling this signal LOW will turn-on the main output.
Recommended pull-up resistor to VSB is 5.1 kohms. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
3.6 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA
PSKILL_H
First break/last mate active LOW signal which enables/disables the main output. This signal will have to be pulled to ground at the system side with a 220 ohm
resistor. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
3.6 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA
VSENSE+, VSENSE-
VSENSE+ and VSENSE- lines are the remote sense lines for regulation. Each line will compensate for a maximum of 100 mV
Ordering Information
Model Number
Nominal Main Output
Standby Output
Airflow Direction
DS1100SLPE-3
12 V
3.3 V @ 3 A
Std (forward)
DS1100SLPE-3-001
12 V
3.3 V @ 3 A
Reverse1
1
Derating may apply.
I2C Addressing
A1 Pin
A0 Pin
PMBus (w/r)
0
0
B0/B1
0
1
B2/B3
1
0
B4/B5
1
1
B6/B7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com