Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS650DC-3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS650DC-3
Description  Distributed Power Bulk Front-End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS650DC-3 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS650DC-3 Datasheet HTML 1Page - Artesyn Technologies DS650DC-3 Datasheet HTML 2Page - Artesyn Technologies DS650DC-3 Datasheet HTML 3Page - Artesyn Technologies DS650DC-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
DS650DC-3/DS850DC-3
Distributed Power Bulk Front-End
Total Output Power: 650 - 850 Watts
+3.3vdc Stand-by Output
Standard Telco input range -39 V to
-72 VDC
Special FeatureS
ƒ
1U X 2U form factor
ƒ
15.4W/ in3
ƒ
+12Vdc output
ƒ
+3.3vdc stand-by (5V standby - consult
factory)
ƒ
No minimum load required
ƒ
Hot plug operation
ƒ
N + 1 redundant
ƒ
Internal OR’ing fets
ƒ
Active current sharing
2PSU shared from 30% to 100%
4PSU shared from 20% to100%
ƒ
Built-in cooling fan (40mm x 28mm)
ƒ
I2C communication Interface bus
ƒ
EEPROM for FRU data
ƒ
Amber/green bi-color LED status
ƒ
Internal fan speed control
ƒ
Fan fail tach output signal
ƒ
One year warranty
SaFety
ƒ
UL/cUL 60950 (UL recognized)
ƒ
NEMKO+ CB report EN60950
ƒ
CE mark
ƒ
China CCC
Electrical Specifications
Input
Input range:
-40 Vdc to -75 Vdc
Efficiency:
> 80% typical
Conducted EMI:
FCC Subpart J EN55022 Class B
Radiated EMI:
FCC Subpart J EN55022 Class B
Hold up time:
1 ms @48 Vdc
Output
Main DC voltage:
+12 V @ 70 A; DS850DC
+12 V @ 52.5 A; DS650DC
Stand-By:
+3.3 Vsb @ 6A (5V @ 4A available)
Adjustment range:
Factory Set, no pot adjustments
Regulation:
+12 Vdc; +5%/-5%
+3.3 Vsb; +5%/-5%
Overcurrent:
+12 Vdc; 77A - 105A - DS850DC;
+12 Vdc 57.75 A - 78.75 A; DS650DC
latches off if overcurrent lasts over 1 second, otherwise it is auto
recovery.
+3.3 vsb, 9A max (hiccup mode)
Overvoltage:
+12 Vdc; 13.2 - 14.4 Vdc
+3.3 Vsb; 3.76 - 4.30 Vdc
Under voltage:
+12 Vdc; 9 - 10.8V (latch off)
Turn-on delay:
2 Second max
+12VOutput Rise Time:
10 - 300 mS, Monotonic Rise
Data Sheet
DC Input
Connector input shown


Similar Part No. - DS650DC-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
309Kb / 4P
650 - 850 Watt Distributed Power System
logo
Advanced Energy Industr...
DS650DC-3 ADVANCEDENERGY-DS650DC-3 Datasheet
447Kb / 7P
Distributed Power Bulk Front-End
01 12.10
logo
Emerson Network Power
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3_11 Datasheet
309Kb / 4P
650 - 850 Watt Distributed Power System
More results

Similar Description - DS650DC-3

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
Distributed Power Front-End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com