Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW30NM60D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW30NM60D
Description  N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30NM60D Datasheet(HTML) 3 Page - STMicroelectronics

  STW30NM60D Datasheet HTML 1Page - STMicroelectronics STW30NM60D Datasheet HTML 2Page - STMicroelectronics STW30NM60D Datasheet HTML 3Page - STMicroelectronics STW30NM60D Datasheet HTML 4Page - STMicroelectronics STW30NM60D Datasheet HTML 5Page - STMicroelectronics STW30NM60D Datasheet HTML 6Page - STMicroelectronics STW30NM60D Datasheet HTML 7Page - STMicroelectronics STW30NM60D Datasheet HTML 8Page - STMicroelectronics STW30NM60D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STW30NM60D
Table 7: Dynamic
Table 8: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
(3) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15 V , ID = 15 A
16
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
2520
800
75
pF
pF
pF
COSS eq (3).
Equivalent Output
Capacitance
VGS = 0 V, VDS = 0 to 480 V
390
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off-Delay Time
Fall Time
VDD = 300 V, ID = 15 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
32
33
75
35
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 480 V, ID = 30 A,
VGS = 10 V
(see Figure 18)
82
24
42
115
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
30
120
A
A
VSD (1)
Forward On Voltage
ISD = 30 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 30 A, di/dt = 100 A/µs
VDD = 50V
(see Figure 16)
165
1.1
14
ns
nC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 30 A, di/dt = 100 A/µs
VDD = 50V, Tj = 150°C
(see Figure 16)
312
3.3
21
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com