Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5518 Datasheet(PDF) 23 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 19Page - Texas Instruments TAS5518 Datasheet HTML 20Page - Texas Instruments TAS5518 Datasheet HTML 21Page - Texas Instruments TAS5518 Datasheet HTML 22Page - Texas Instruments TAS5518 Datasheet HTML 23Page - Texas Instruments TAS5518 Datasheet HTML 24Page - Texas Instruments TAS5518 Datasheet HTML 25Page - Texas Instruments TAS5518 Datasheet HTML 26Page - Texas Instruments TAS5518 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
Introduction
14
SLES115 — August 2004
TAS5518
7 Biquads
in Series
Bass and
Treble
Loudness
DRC
Input Mixer
1 Other
Channel Output
From 7 Available
32−Bit
Trunc
PWM
Proc
Volume
A_to_ipmix
B_to_ipmix
A
SDIN1
B
C_to_ipmix
D_to_ipmix
C
SDIN2
D
E_to_ipmix
F_to_ipmix
E
SDIN3
F
G_to_ipmix
H_to_ipmix
G
SDIN4
H
Max
Volume
Left
Left
Left
Left
Right
Right
Right
Right
Channel
Volume
Master
Volume
Bass and Treble
Bypass
Bass and Treble
In-Line
Pre-
Volume
Post-
Volume
DRC
In-Line
DRC
Bypass
Output
Gain
Output Mixer Sums
Any Two Channels
PWM
Output
Figure 1−6. TAS5518 Detailed Channel Processing
1.5.2 I2C Coefficient Number Formats
The architecture of the TAS5518 is contained in ROM resources within the TAS5518 and cannot be altered.
However, mixer gain, level offset, and filter tap coefficients, which can be entered via the I2C bus interface,
provide a user with the flexibility to set the TAS5518 to a configuration that achieves the system level goals.
The firmware is executed in a 48-bit signed fixed-point arithmetic machine. The most significant bit of the 48-bit
data path is a sign bit, and the 47 lower bits are data bits. Mixer gain operations are implemented by multiplying
a 48-bit signed data value by a 28-bit signed gain coefficient. The 76-bit signed output product is then truncated
to a signed 48-bit number. Level offset operations are implemented by adding a 48-bit signed offset coefficient
to a 48-bit signed data value. In most cases, if the addition results in overflowing the 48-bit signed number
format, saturation logic is used. This means that if the summation results in a positive number that is greater
than 0x7FFF_FFFF_FFFF (the spaces are used to ease the reading of the hexadecimal number), the number
is set to 0x7FFF_FFFF_FFFF. If the summation results in a negative number that is less than
0x8000_0000_0000 0000, the number is set to 0x8000_0000_0000 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com