Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXXP2XX-R Datasheet(PDF) 1 Page - Recom International Power

Part # RXXP2XX-R
Description  EN-61010 for Test, Measurement and Lab Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RXXP2XX-R Datasheet(HTML) 1 Page - Recom International Power

  RXXP2XX-R Datasheet HTML 1Page - Recom International Power RXXP2XX-R Datasheet HTML 2Page - Recom International Power RXXP2XX-R Datasheet HTML 3Page - Recom International Power RXXP2XX-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RxxP2xx/R
Selection Guide
Part
Reinforced
Input
Output
Output
Efficiency
Max
Number
Isolation
Voltage
Voltage
Current
Std
Capacitive
SIP 7
(kVDC)
(VDC)
(VDC)
(mA)
(%)
Load(1)
RxxP23.3S
/R6.4 & /R8
5, 12, 15, 24
3.3
600
72-78
3300µF
RxxP205S
/R6.4 & /R8
5, 12, 15, 24
5
400
79-84
1200µF
RxxP209S
/R6.4 & /R8
5, 12, 15, 24
9
222
80-87
1200µF
RxxP212S
/R6.4 & /R8
5, 12, 15, 24
12
167
80-87
680µF
RxxP215S
/R6.4 & /R8
5, 12, 15, 24
15
132
80-88
680µF
RxxP23.3D
/R6.4 & /R8
5, 12, 15, 24
±3.3
±300
73-80
±1500µF
RxxP205D
/R6.4 & /R8
5, 12, 15, 24
±5
±200
79-85
±470µF
RxxP209D
/R6.4 & /R8
5, 12, 15, 24
±9
±111
80-87
±470µF
RxxP212D
/R6.4 & /R8
5, 12, 15, 24
±12
±85
80-87
±330µF
RxxP215D
/R6.4 & /R8
5, 12, 15, 24
±15
±66
80-88
±330µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R05P205S/P, R05P205D/P
* add Suffix “/X2” for single output with alternative pinout, e.g.
R05P205S/X2, R05P205S/P/X2
* add Suffix “/R6.4” or “/R8” for Reinforced Isolation, e.g.
R05P205D/R6.4, R05P205S/P/X2/R8
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3, 5V output types
15% max.
(10% to 100% full load)
other output types
10% max.
Output Ripple and Noise (20MHz BW)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
65% min. / 80% max.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
/R6.4 (tested for 1 second)
6400VDC
(rated for 1 minute**)
3200VAC / 60Hz
/R8
(tested for 1 second)
8000VDC
(rated for 1 minute**)
4000VAC / 60Hz
Isolation Capacitance
1.5pF min. / 10pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
continued on next page
2 Watt
SIP 7 Single &
Dual Output
Derating-Graph
(Ambient Temperature)
UL/CSA and EN Safety certified
EN-61010 for Test, Measurement and Lab Use
EN-60601 for Medical Applications
Reinforced Isolation 6.4kVDC or 8kVDC
Optional Continuous Short Circuit Protected
Compact SIP7 Package
Efficiency to 88%
Very Low Isolation Capacitance
/X2 Version with >9mm Input/Output Clearance
Features
Unregulated
Converters
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The RxxP2xxS_D Series of DC/DC Converters are certified to UL/CSA-60950 and UL/CSA
60601. This makes them ideal for medical and safety applications where approved or reinforced
isolation is required. The reinforced versions are also EN61010-1 certified for Lab Equipment.
The /X2 version has an input/output clearance of more than 9mm.
E-314885
EN-60950-1 Certified
EN-60601-1 Certified
UL/CSA 60950-1 Certified
UL-60601 Certified
EN-61010-1 Certified
IEC-60601-1 CB Report
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 2/2015
www.recom-power.com
E-100


Similar Part No. - RXXP2XX-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RXXP2XX RECOM-RXXP2XX Datasheet
127Kb / 4P
EN-60601 for Medical Applications
RXXP2XXYY RECOM-RXXP2XXYY Datasheet
524Kb / 6P
2 Watt SIP7 for SiC and IGBT Application`s
More results

Similar Description - RXXP2XX-R

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RTC100 SYSTEMSENSOR-RTC100 Datasheet
72Kb / 2P
Remote Test Coil Kit for use
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
PWR163 Series Power Resistor Test and measurement
logo
SL Power Electronics
TB65 SLPOWER-TB65 Datasheet
495Kb / 6P
65W Single Output Test and Measurement/Industrial Series
logo
Recom International Pow...
RV-R RECOM-RV-R Datasheet
112Kb / 4P
EN-61010 for Test, Measurement and Lab Use
logo
SL Power Electronics
TB110S SLPOWER-TB110S Datasheet
632Kb / 4P
110W Single Output Test and Measurement/Industrial Series
logo
Keysight Technologies
Y9071B KEYSIGHT-Y9071B Datasheet
3Mb / 29P
Measurement Applications For the E6640A EXM Wireless Test Set
logo
Analog Devices
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
Test and measurement equipment
REV. A
logo
Maxim Integrated Produc...
MAX77827EVKIT MAXIM-MAX77827EVKIT Datasheet
1Mb / 9P
Accessible Test Points for EN, POK, and OUTS
Rev 0; 5/19
MAX77813EVKIT MAXIM-MAX77813EVKIT Datasheet
1Mb / 8P
Accessible Test Points for EN, POK, and ILIM
Rev 0; 12/18
MAX20360EVKIT MAXIM-MAX20360EVKIT Datasheet
5Mb / 35P
Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com