Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSR850-2 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DSR850-2
Description  850 Watts Multi-Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DSR850-2 Datasheet(HTML) 2 Page - Artesyn Technologies

  DSR850-2 Datasheet HTML 1Page - Artesyn Technologies DSR850-2 Datasheet HTML 2Page - Artesyn Technologies DSR850-2 Datasheet HTML 3Page - Artesyn Technologies DSR850-2 Datasheet HTML 4Page - Artesyn Technologies DSR850-2 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 04.20.07
DSR850-2
2 of 5
Embedded Power for
Business-Critical Continuity
Operating temperature
-10 - +50, (10,000 feet) 50% derating at 70°C
Humidity
20% – 90% RH non-condensing
Electromagnetic Susceptibility EN61000-2-3, 3-3, EN55024L1998)
Electromagnetic
susceptibility / Input transients:
EN61000-2-3, 3-3, EN55024L1998)
Shock and vibration
Astec Standard Specifications Q3205
RoHS compliant
RoHS 6/6 lead free
MTBF
500 K hours at full load, 40°C
Environmental Specifications
Output PDU
240VA IEC60950-1
+12v1@16A, +12v2@16A, +12v3@16A,
+12v4@16A, +12v5@16A, +12v6@16A
+5.00v
44 A
+3.30v
24 A
-12.0v
0.5 A
+5.0v Stand-by
2.5 A
Regulation
See table page 2
Overcurrent
See table page 2
Communications
Intel standard
PSMI V2.12 compatible
FRU Data, Intel compatible
SMBus Alert, Intel compatible
PMBus available upon request
Size (see outline drawing)
83.4mm high (3.28")
84.0mm wide (3.31")
371.8mm long (14.64")
2U x 2U Rack Cage, with N+1 redundant hot plug
ac to 12 V PSU modules, w/ stand-by output. 5 V, 3.3 V
& -12 V are non-redundant outputs
Mechanical
Output
+12v1 +12v2 +12v3 +12v4 +12v5 +12v6 +5.0v +3.3v -12.0v 5.0vSB
Regulation %
Maximum (all conditions)
Nominal
Minimum (all conditions)
± 5%
12.60
12.00
11.40
± 5%
12.60
12.00
11.40
± 5%
12.60
12.00
11.40
-± 5%
12.60
12.00
11.40
± 5%
12.60
12.00
11.40
-± 5%
12.60
12.00
11.40
± 5%
5.25
5.00
4.75
-± 5%
3.47
3.30
3.14
± 10%
13.20
12.00
10.80
± 5%
5.25
5.00
4.75
Over Voltage MinMax
13.20
14.40
13.20
14.40
13.20
14.40
13.20
14.40
13.20
14.40
13.20
14.40
13.20
14.40
3.90
4.50
13.30
14.50
5.70
6.50
Under Voltage Min
(Latch 0f if less than)
<10.0
<10.0
<10.0
<10.0
<10.0
<10.0
<4.20
<2.70
<10.0
<4.0
Max PK-PK Ripple (mV)
120
120
120
120
120
120
50
50
120
50
Nominal Output Current
16.0A
16.0A
16.0A
16.0A
16.0A
16.0
44.0A
24.0A
0.5A
2.5A
Minimum Current
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
Maximum Current
20.0A
20.0A
20.0A
20.0A
20.0A
20.0A
48.0A
36.0A
2.00A
3.5A
Output Rise Time (mS)
1-70
1-70
1-70
1-70
1-70
1-70
1-70
1-70
1-70
1-25
External Capacitance
MinMax (uF)
400
11000
400
11000
400
11000
400
11000
400
11000
400
11000
400
12000
250
6800
1.0
350
1.0
350



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com