Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERM02H110 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ERM02H110
Description  Total Power: 50 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM02H110 Datasheet(HTML) 2 Page - Artesyn Technologies

  ERM02H110 Datasheet HTML 1Page - Artesyn Technologies ERM02H110 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ERM50 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Technologies, Inc. All other names
and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 All rights reserved.
www.artesyn.com
ERM50 DS 19May2015
Mechanical Dimensions
50.80 [2.00]
57.9 [2.28]
47.20 [1.86]
1.00 [0.04] DIA 6PLACES
1.50 [0.06] DIA 2PLACES
Mounting Inserts
M3x0.5 Through 4pl.
1
2
3
4
5
6
7
8
BOTTOM VIEW
• All dimensions in mm (inches)
• Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
• Pin diameter Ø 1.0 ±0.05 (0.04±0.002)
• Pin diameter Ø 1.5 ±0.05 (0.06±0.002)
Thermal pad
Heat-sink
Converter
20.0 [0.78] Max
Heatsink Option
Pin Connections
Pin
Function
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
Ordering Information
Input Voltage
Output
Efficiency @ Max Load
Max Power
Model Number
43 - 101 V
5 V @ 10 A
90%
50 W
ERM10A72
43 - 101 V
12 V @ 4.17 A
92%
50 W
ERM04B72
43 - 101 V
15 V @ 3.33 A
92%
50 W
ERM03C72
43 - 101 V
24 V @ 2.08A
91%
50 W
ERM02H72
66 - 160 V
5 V @ 10 A
90%
50 W
ERM10A110
66 - 160 V
12 V @ 4.17 A
91%
50 W
ERM04B110
66 - 160 V
15 V @ 3.33 A
92%
50 W
ERM03C110
66 - 160 V
24 V @ 2.08 A
91%
50 W
ERM02H110



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com