Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2761 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2761
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2761 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2761 Datasheet HTML 1Page - Texas Instruments TLV2761 Datasheet HTML 2Page - Texas Instruments TLV2761 Datasheet HTML 3Page - Texas Instruments TLV2761 Datasheet HTML 4Page - Texas Instruments TLV2761 Datasheet HTML 5Page - Texas Instruments TLV2761 Datasheet HTML 6Page - Texas Instruments TLV2761 Datasheet HTML 7Page - Texas Instruments TLV2761 Datasheet HTML 8Page - Texas Instruments TLV2761 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply Voltage . . . 1.8 V to 3.6 V
D Very Low Supply Current ...20 µA (per
channel)
D Ultralow Power Shut-Down Mode
– IDD(SHDN) = 10 nA/Channel
D CMOS Rail-to-Rail Input/Output
D Input Common-Mode Voltage
Range . . . –0.2 V to VDD + 0.2 V
D Input Offset Voltage . . . 550 µV
D Wide Bandwidth . . . 500 kHz
D Slew Rate . . . 0.20 V/µs
D Specified Temperature Range
– 0
°C to 70°C . . . Commercial Grade
– –40
°C to 85°C . . . Industrial Grade
D Ultrasmall Packaging
– 5 or 6 Pin SOT-23 (TLV2760/1)
– 8 or 10 Pin MSOP (TLV2762/3)
D Universal Op-Amp EVM
description
The TLV276x single supply operational amplifiers provide 500 kHz bandwidth from only 20
µA while operating
down to 1.8 V over the industrial temperature range. The maximum recommended supply voltage is 3.6 V, which
allows the devices to be operated from (
"1.8 V supplies down to "0.9 V) two AA or AAA cells. The devices
have been characterized at 1.8 V (end of life of 2 AA(A) cells) and at 2.4 V (nominal voltage of 2 Nicd/NiMH cells).
The TLV276x have rail-to-rail input and output capability which is a necessity at 1.8 V.
The low supply current is coupled with extremely low input bias currents enabling them to be used with
mega-ohm resistors. Low shutdown current of only 10 nA make these devices ideal for low frequency
measurement applications desiring long active battery life.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in the TSSOP package.
SELECTION OF SINGLE SUPPLY AMPLIFIER PRODUCTS
DEVICE
VDD
(V)
VIO
(
µV)
IDD/Ch
(
µA)
IIB
(pA)
GBW
(MHz)
SR
(V/
µs)
Vn,1kHz
(nV/rtHz)
IO
(mA)
SHUT-
DOWN
RAIL-TO-
RAIL
TLV224x
2.5 – 12
600
1
100
0.0055
0.002
NA
0.2
—
I/O
TLV2211
2.7 – 10
450
13
1
0.065
0.025
21
0.4
—
O
TLV276x
1.8 – 3.6
550
20
3
0.5
0.23
95
5
Y
I/O
TLV245x(A)
2.7 – 6
20
23
500
0.22
0.11
49
2.5
Y
I/O
TLV246x(A)
2.7 – 6
150
550
1300
6.4
1.6
11
25
Y
I/O
TLV278x(A)
1.8 – 3.6
250
650
2.5
8
5
18
10
Y
I/O
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Operational Amplifier
–
+
0
2
4
6
8
10
12
14
0
0.6
1.2
1.8
2.4
3
3.6
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
20
18
16
AV= 1
VIC = VDD/2
TA = 25° C


Similar Part No. - TLV2761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2761CD TI1-TLV2761CD Datasheet
1Mb / 46P
FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761CDG4 TI1-TLV2761CDG4 Datasheet
1Mb / 46P
FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761ID TI1-TLV2761ID Datasheet
1Mb / 46P
FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBV TI1-TLV2761IDBV Datasheet
1Mb / 46P
FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
TLV2761IDBVR TI1-TLV2761IDBVR Datasheet
1Mb / 46P
FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com