Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN42N Datasheet(PDF) 10 Page - Microchip Technology

Part # RN42N
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42N Datasheet(HTML) 10 Page - Microchip Technology

Back Button RN42N Datasheet HTML 6Page - Microchip Technology RN42N Datasheet HTML 7Page - Microchip Technology RN42N Datasheet HTML 8Page - Microchip Technology RN42N Datasheet HTML 9Page - Microchip Technology RN42N Datasheet HTML 10Page - Microchip Technology RN42N Datasheet HTML 11Page - Microchip Technology RN42N Datasheet HTML 12Page - Microchip Technology RN42N Datasheet HTML 13Page - Microchip Technology RN42N Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
RN42/RN42N
DS50002328A-page 10
 2015 Microchip Technology Inc.
2.7
Soldering Recommendations
The RN42/RN42N wireless module was assembled
using standard lead-free reflow profile IPC/JEDEC J-
STD-020.
The module can be soldered to the host PCB using
standard leaded and lead-free solder reflow profiles.
To avoid damaging the module, the following recom-
mendations are given:
• Microchip Technology Application Note,” AN233
Solder Reflow Recommendation” (DS00233) pro-
vides solder reflow recommendations
• Do not exceed peak temperature (Tp) of 250 C°
• Refer to the Solder Paste data sheet for specific
reflow profile recommendations
• Use no-clean flux solder paste
• Do not wash as moisture can be trapped under
the shield
• Use only one flow. If the PCB requires multiple
flows, apply the module on the final flow.
2.8
SPI Interface
The SPI Interface is primarily used for factory program-
ming, test, and diagnostics. Although not required, the
SPI interface is useful for restoring a corrupted flash
image or enabling test modes required for certification
testing.
When module is installed in a final product that requires
European type approval, see Section 3.3 “Europe”, it
is recommended that the SPI interface should be
accessible via 6-pin header as shown in Figure 2-6.
FIGURE 2-6:
OPTIONAL SPI
INTERFACE
2.9
Bluetooth SIG QDID
The RN42 has a QDID registered with the Bluetooth
SIG. The manufacturer using the RN42 module in their
end product can reference this QDID when filing an
EPL (end product listing) to use Bluetooth® brand and
logo. For more information, please visit the Bluetooth
SIG at www.bluetooth.org.
QDID: B014867



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com