Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF39RA Datasheet(PDF) 49 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 49 Page - Microchip Technology

Back Button MRF39RA Datasheet HTML 45Page - Microchip Technology MRF39RA Datasheet HTML 46Page - Microchip Technology MRF39RA Datasheet HTML 47Page - Microchip Technology MRF39RA Datasheet HTML 48Page - Microchip Technology MRF39RA Datasheet HTML 49Page - Microchip Technology MRF39RA Datasheet HTML 50Page - Microchip Technology MRF39RA Datasheet HTML 51Page - Microchip Technology MRF39RA Datasheet HTML 52Page - Microchip Technology MRF39RA Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
 2015 Microchip Technology Inc.
DS40001778B-page 49
MRF39RA
5.4
IRQ and Pin Mapping Registers
TABLE 5-4:
IRQ AND PIN MAPPING REGISTERS
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
RegDioMapping1
(0x25)
7-6
Dio0Mapping
rw
00
Mapping of pins DIO0 to DIO5
See Table 4-2 for mapping in Continuous mode
See Table 4-3 for mapping in Packet mode
5-4
Dio1Mapping
rw
00
3-2
Dio2Mapping
rw
00
1-0
Dio3Mapping
rw
00
RegDioMapping2
(0x26)
7-6
Dio4Mapping
rw
00
5-4
Dio5Mapping
rw
00
3—
r
0
Unused
2-0
ClkOut
rw
111*
Selects CLKOUT frequency:
000  FXOSC
001  FXOSC/2
010  FXOSC/4
011  FXOSC/8
100  FXOSC/16
101  FXOSC/32
110  RC (automatically enabled)
111  OFF
RegIrqFlags1
(0x27)
7
ModeReady
r
1
Set when the operation mode requested in
Mode, is ready
- Sleep: Entering Sleep mode
- Standby: XO is running
- FS: PLL is locked
- Rx: RSSI sampling starts
Cleared when changing operating mode.
6
RxReady
r
0
Set in Rx mode, after RSSI, AGC and AFC.
Cleared when leaving Rx.
5—
r
0
Unused
4
PllLock
r
0
Set (in FS and Rx) when the PLL is locked.
Cleared when it is not.
3
Rssi
rwc
0
Set in Rx when the RssiValue exceeds
RssiThreshold.
Cleared when leaving Rx.
2
Timeout
r
0
Set when a time-out occurs (see TimeoutRxStart
and TimeoutRssiThresh)
Cleared when leaving Rx or FIFO is emptied.
1
AutoMode
r
0
Set when entering Intermediate mode.
Cleared when exiting Intermediate mode.
Note that in Sleep mode a small delay can be
observed between AutoMode interrupt and the
corresponding Enter/Exit condition.
0
SyncAddressMatch
r/rwc
0
Set when sync and address (if enabled) are
detected.
Cleared when leaving Rx or FIFO is emptied.
This bit is read-only in Packet mode, rwc in
Continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com