Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6411 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6411
Description  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6411 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320C6411 Datasheet HTML 77Page - Texas Instruments TMS320C6411 Datasheet HTML 78Page - Texas Instruments TMS320C6411 Datasheet HTML 79Page - Texas Instruments TMS320C6411 Datasheet HTML 80Page - Texas Instruments TMS320C6411 Datasheet HTML 81Page - Texas Instruments TMS320C6411 Datasheet HTML 82Page - Texas Instruments TMS320C6411 Datasheet HTML 83Page - Texas Instruments TMS320C6411 Datasheet HTML 84Page - Texas Instruments TMS320C6411 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
81
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PROGRAMMABLE SYNCHRONOUS INTERFACE TIMING (CONTINUED)
ECLKOUTx
CEx
BE[3:0]
EA[22:3]
ED[31:0]
ARE/SDCAS/SADS/SRE§
AOE/SDRAS/SOE§
AWE/SDWE/SWE§
BE1
BE2
BE3
BE4
Q1
Q2
Q3
11
3
12
10
4
2
1
8
5
8
EA1
EA2
EA3
EA4
10
Write
Latency =
1†
1
Q4
12
† The write latency and the length of CEx assertion are programmable via the SYNCWL and CEEXT fields, respectively, in the EMIF CE Space
Secondary Control register (CExSEC). In this figure, SYNCWL = 1 and CEEXT = 0.
‡ The following parameters are programmable via the EMIF CE Space Secondary Control register (CExSEC):
− Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency
− Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency
− CEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, CEx goes inactive after the final command has been issued
(CEEXT = 0). For synchronous FIFO interface with glue, CEx is active when SOE is active (CEEXT = 1).
− Function of SADS/SRE (RENEN): For standard SBSRAM or ZBT SRAM interface, SADS/SRE acts as SADS with deselect cycles
(RENEN = 0). For FIFO interface, SADS/SRE acts as SRE with NO deselect cycles (RENEN = 1).
− Synchronization clock (SNCCLK): Synchronized to ECLKOUT1 or ECLKOUT2
§ ARE/SDCAS/SADS/SRE, AOE/SDRAS/SOE, and AWE/SDWE/SWE operate as SADS/SRE, SOE, and SWE, respectively, during
programmable synchronous interface accesses.
Figure 26. Programmable Synchronous Interface Write Timing (With Write Latency = 1)†‡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com