Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24WN0MA Datasheet(PDF) 24 Page - Microchip Technology

Part # MRF24WN0MA
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MA Datasheet(HTML) 24 Page - Microchip Technology

Back Button MRF24WN0MA Datasheet HTML 20Page - Microchip Technology MRF24WN0MA Datasheet HTML 21Page - Microchip Technology MRF24WN0MA Datasheet HTML 22Page - Microchip Technology MRF24WN0MA Datasheet HTML 23Page - Microchip Technology MRF24WN0MA Datasheet HTML 24Page - Microchip Technology MRF24WN0MA Datasheet HTML 25Page - Microchip Technology MRF24WN0MA Datasheet HTML 26Page - Microchip Technology MRF24WN0MA Datasheet HTML 27Page - Microchip Technology MRF24WN0MA Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 24
Advance Information
 2015 Microchip Technology Inc.
• European Telecommunications Standards Insti-
tute (ETSI):
http://www.etsi.org
• European Radio Communications Office (ERO):
http://www.ero.dk/
• The Radio and Telecommunications Terminal
Equipment Compliance Association (R&TTE CA):
http://www.rtteca.com/
TABLE 4-1:
MRF24WN0MA/MB EUROPEAN COMPLIANCE TESTING
4.4
Australia
The Australia radio regulations do not provide a modu-
lar approval policy similar to the United States (FCC)
and Canada (IC). However, MRF24WN0MA/MB mod-
ule RF transmitter test reports can be used in part to
demonstrate compliance in accordance with ACMA
Radio communications “Short Range Devices” Stan-
dard 2004 (The Short Range Devices standard calls up
the AS/NZS 4268:2008 industry standard). The
MRF24WN0MA/MB module test reports can be used
as part of the product certification and compliance
folder. For more information on the RF transmitter test
reports, contact Microchip Technology Australia sales
office.
To meet overall Australian final product compliance, the
developer must construct a compliance folder contain-
ing all relevant compliance test reports e.g. RF, EMC,
electrical safety and DoC (Declaration of Conformity)
etc. It is the responsibility of the integrator to know what
is required in the compliance folder for ACMA compli-
ance.
All
test
reports
are
available
on
the
MRF24WN0MA/MB product web page at http://
www.microchip.com. For more information on Australia
compliance, refer to the Australian Communications
and Media Authority web site http://www.acma.gov.au/.
4.4.1
EXTERNAL ANTENNA
REQUIREMENTS
The compliance testing listed in Table 4-1 was per-
formed using the antenna types listed in Table 3-1.
4.4.2
HELPFUL WEB SITES
The Australian Communications and Media Authority:
www.acma.gov.au/.
4.5
New Zealand
The New Zealand radio regulations do not provide a
modular approval policy similar to the United States
(FCC) and Canada (IC). However, MRF24WN0MA/MB
module RF transmitter test reports can be used in part
to demonstrate compliance against the New Zealand
“General User Radio License for Short Range
Devices”. New Zealand Radio communications (Radio
Standards) Notice 2010 calls up the AS / NZS
4268:2008 industry standard. The MRF24WN0MA/MB
module test reports can be used as part of the product
certification and compliance folder. All test reports are
available on the MRF24WN0MA/MB product web page
at http://www.microchip.com. For more information on
the RF transmitter test reports, contact Microchip Tech-
nology sales office.
Information on the New Zealand short range devices
license can be found in the following web links:
http://www.rsm.govt.nz/cms/licensees/types-oflicence/
general-user-licences/short-range-devices
and
http://www.rsm.govt.nz/cms/policy-and-planning/spec-
trum-policy-overview/legislation/gazette-notices/prod-
uct-compliance
To meet overall New Zealand final product compliance,
the developer must construct a compliance folder con-
taining all relevant compliance test reports e.g. RF,
EMC, electrical safety and DoC (Declaration of Confor-
mity) etc. It is the responsibility of the developer to
know what is required in the compliance folder for New
Zealand Radio communications. For more information
on New Zealand compliance, refer to the web site
http://www.rsm.govt.nz/.
Certification
Standards
Article Laboratory
Report
Number
Date
Safety
EN 60950-1:2006+A11:2009+A1:2010 +A12:2011 [3.1(a)]
Pending
Health
EN 62479:2010
Pending
EMC
EN 301 489-1 V1.9.2 (2011-09)
[3.1(b)]
Pending
EN 301 489-17 V2.2.1 (2012-09)
Radio
EN 300 328 V1.8.1 (2006-06)
(3.2)
Pending
Notified Body
Opinion
Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com