Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN41-I/RM477 Datasheet(PDF) 25 Page - Microchip Technology

Part # RN41-I/RM477
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41-I/RM477 Datasheet(HTML) 25 Page - Microchip Technology

Back Button RN41-I/RM477 Datasheet HTML 20Page - Microchip Technology RN41-I/RM477 Datasheet HTML 21Page - Microchip Technology RN41-I/RM477 Datasheet HTML 22Page - Microchip Technology RN41-I/RM477 Datasheet HTML 23Page - Microchip Technology RN41-I/RM477 Datasheet HTML 24Page - Microchip Technology RN41-I/RM477 Datasheet HTML 25Page - Microchip Technology RN41-I/RM477 Datasheet HTML 26Page - Microchip Technology RN41-I/RM477 Datasheet HTML 27Page - Microchip Technology RN41-I/RM477 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 25
RN41/RN41N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
RN41 :
UART, Ceramic Chip Antenna
RN41N :
UART, External Antenna
RN41HCI:
HCI over UART, Ceramic Chip Antenna
RN41U :
HCI over USB, Ceramic Chip Antenna
RN41APL:
SPP and MFi profiles, Ceramic Chip Antenna
Temperature Range: I
= -40°C to +85°C
Package: *
RM
= Radio Module
*All package offerings are Pb Free (Lead Free)
Examples:
a)
RN41-I/RM:
Ceramic Chip Antenna
Latest production firm-
ware version
b)
RN41-I/RM615:
Ceramic Chip Antenna
Firmware version 6.15
c)
RN41-I/RM477:
Ceramic Chip Antenna
Firmware version 4.77
d)
RN41APL-I/RM: Ceramic Chip Antenna
Latest production firmware
version
e)
RN41APL-I/RM543:Ceramic Chip Antenna
firmware version 5.43
f)
RN41HCI-I/RM:
Ceramic Chip Antenna
HCI over UART
PART NO.
I
RM
Package
Temperature
Range
Device
XXX
Firmware
Revision
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com