Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP9383 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TP9383
Description  NPN RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TP9383 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TP9383 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM UNITS
BVCBO
IC = 100 mA
60
V
BVCER
IC = 5.0 mA
RBE = 10 Ω
55
V
BVCEO
IC = 100 mA
25
V
BVEBO
IE = 20 mA
4.0
V
hFE
VCE = 5.0 V
IC = 1.0 A
20
150
---
COB
VCB = 28 V
f = 1.0 MHz
150
pF
PG
η
η
C
VCE = 28V
POUT = 150 W
f = 108 MHz
9.2
70
10.0
dB
%
NPN RF POWER TRANSISTOR
TP9383
DESCRIPTION:
The
ASI TP9383 is a Common
Emitter Device Designed for FM
Broadcast Transmitter Applications in
the 88 to 108 MHz Band.
FEATURES INCLUDE:
•• High Efficiency
•• Gold Metallization
•• Emitter Ballasting
MAXIMUM RATINGS
IC
16 A
VCBO
60 V
PDISS
230 W @ TC = 25
OC
TJ
-55
OC to+200 OC
TSTG
-55
OC to+200 OC
θθ
JC
0.75
OC/W
PACKAGE STYLE 500 4L FLG
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER


Similar Part No. - TP9383

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
TP9383 NJSEMI-TP9383 Datasheet
82Kb / 1P
NPN RF POWER TRANSISTOR
More results

Similar Description - TP9383

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF220-50F ASI-HF220-50F Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
REV.A
MS2601 ASI-MS2601 Datasheet
46Kb / 1P
NPN RF POWER TRANSISTOR
MSC74520 ASI-MSC74520 Datasheet
181Kb / 1P
NPN RF POWER TRANSISTOR
TPM401 ASI-TPM401 Datasheet
25Kb / 1P
NPN RF POWER TRANSISTOR
ASAT35L ASI-ASAT35L Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
MSC74013 ASI-MSC74013 Datasheet
19Kb / 1P
NPN RF POWER TRANSISTOR
MSC74519 ASI-MSC74519 Datasheet
18Kb / 1P
NPN RF POWER TRANSISTOR
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
NPN RF POWER TRANSISTOR
AM82731-001 ASI-AM82731-001 Datasheet
65Kb / 1P
NPN RF POWER TRANSISTOR
MRF898 ASI-MRF898 Datasheet
38Kb / 1P
NPN RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com