Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61070 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS61070 Datasheet HTML 12Page - Texas Instruments TPS61070 Datasheet HTML 13Page - Texas Instruments TPS61070 Datasheet HTML 14Page - Texas Instruments TPS61070 Datasheet HTML 15Page - Texas Instruments TPS61070 Datasheet HTML 16Page - Texas Instruments TPS61070 Datasheet HTML 17Page - Texas Instruments TPS61070 Datasheet HTML 18Page - Texas Instruments TPS61070 Datasheet HTML 19Page - Texas Instruments TPS61070 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ti.com
Small Signal Stability
A
(REG) +
d
V
(FB)
+
5
(R1 ) R2)
R2
(1 ) i
w
0.8 ms)
(7)
Layout Considerations
APPLICATION EXAMPLES
SW
C1
Power
Supply
L1
VBAT
VOUT
FB
C2
EN
GND
TPS6107x
ListofComponents:
U1= TPS61070DDC
L1= 4.7µHWurthElektronik744031004
C1=2x4.7 µF,0603,X7R/X5RCeramic
C2=2x4.7 µF,0603,X7R/X5RCeramic
VCC
BoostOutput
R1
R2
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
The total ripple is the sum of the ripple caused by the capacitance and the ripple caused by the ESR of the
capacitor. Additional ripple is caused by load transients. This means that the output capacitor has to completely
supply the load during the charging phase of the inductor. The value of the output capacitance depends on the
speed of the load transients and the load current during the load change. With the calculated minimum value of
4.5 µF and load transient considerations, the recommended output capacitance value is in a 10 µF range.
Care must be taken on capacitance loss caused by derating due to the applied dc voltage and the frequency
characteristic of the capacitor. For example, larger form factor capacitors (in 1206 size) have their self resonant
frequencies in the same frequency range as the TPS6107x operating frequency. So the effective capacitance of
the capacitors used may be significantly lower. Therefore, the recommendation is to use smaller capacitors in
parallel instead of one larger capacitor.
To analyze small signal stability in more detail, the small signal transfer function of the error amplifier and the
regulator, which is given in Equation 7, can be used:
As for all switching power supplies, the layout is an important step in the design, especially at high-peak currents
and high switching frequencies. If the layout is not carefully done, the regulator could show stability problems as
well as EMI problems. Therefore, use wide and short traces for the main current path and for the power ground
tracks. The input capacitor, output capacitor, and the inductor should be placed as close as possible to the IC.
Use a common ground node for power ground and a different one for control ground to minimize the effects of
ground noise. Connect these ground nodes at any place close to the ground pin of the IC.
The feedback divider should be placed as close as possible to the ground pin of the IC. To lay out the control
ground, it is recommended to use short traces as well, separated from the power ground traces. This avoids
ground shift problems, which can occur due to superimposition of power ground current and control ground
current.
Figure 24. Power Supply Solution for Maximum Output Power Operating from a Single or
Dual Alkaline Cell
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com