Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2761IP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2761IP
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2761IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2761IP Datasheet HTML 9Page - Texas Instruments TLV2761IP Datasheet HTML 10Page - Texas Instruments TLV2761IP Datasheet HTML 11Page - Texas Instruments TLV2761IP Datasheet HTML 12Page - Texas Instruments TLV2761IP Datasheet HTML 13Page - Texas Instruments TLV2761IP Datasheet HTML 14Page - Texas Instruments TLV2761IP Datasheet HTML 15Page - Texas Instruments TLV2761IP Datasheet HTML 16Page - Texas Instruments TLV2761IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
20
40
60
80
100
120
140
SHUTDOWN SUPPLY CURRENT / OUTPUT VOLTAGE
vs
TIME
160
t – Time –
µs
SHDN
VDD = 2.4 V
AV = 1
RL = 300 kΩ
CL = 10 pF
VIC = VDD/2
TA = 25° C
IDD(SHDN = 0)
VO
1.5
0.0
0.3
0.5
0.8
1.0
1.3
–0.3
16
0
4
6
8
10
12
14
2
18
Figure 30
3.0
0.0
0.5
1.0
1.5
2.0
2.5
–0.5
–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com