Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF4900 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF4900
Description  SINGLE-CHIP RF TRANSMITTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF4900 Datasheet(HTML) 1 Page - Texas Instruments

  TRF4900 Datasheet HTML 1Page - Texas Instruments TRF4900 Datasheet HTML 2Page - Texas Instruments TRF4900 Datasheet HTML 3Page - Texas Instruments TRF4900 Datasheet HTML 4Page - Texas Instruments TRF4900 Datasheet HTML 5Page - Texas Instruments TRF4900 Datasheet HTML 6Page - Texas Instruments TRF4900 Datasheet HTML 7Page - Texas Instruments TRF4900 Datasheet HTML 8Page - Texas Instruments TRF4900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TRF4900
SINGLE-CHIP RF TRANSMITTER
SLWS092F – JULY 2000 – REVISED JANUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip RF Transmitter for 868-MHz
and 915-MHz ISM Bands
D 850-MHz to 950-MHz Operation
D FM/FSK Operation for Transmit
D 24-Bit Direct Digital Synthesizer (DDS) With
11-Bit DAC
D On-Chip Voltage-Controlled Oscillator
(VCO) and Phase-Locked Loop (PLL)
D On-Chip Reference Oscillator
D Minimal External Components Required
D Low Power Consumption
D Typical Output Power of 7 dBm
D Typical Output Frequency Resolution of
230 Hz
D Ultrafast Lock Times From DDS
Implementation
D Two Fully-Programmable Operational
Modes
D 2.2-V to 3.6-V Operation
D Flexible Serial Interface to TI MSP430
Microcontroller
D 24-Pin Plastic Thin-Shrink Small-Outline
Package (TSSOP)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PW PACKAGE
(TOP VIEW)
PD_OUT1
PLL_VCC
PD_SET
VCO_TANK1
VCO_TANK2
PLL_GND
DIG_GND
CLOCK
DATA
STROBE
MODE
STDBY
PD_OUT2
LOCKDET
PA_OUT
PA_GND
PA_VCC
GND
DIG_VCC
XOSC2
XOSC1
DIG_GND
TX_DATA
NC
description
The TRF4900 single-chip solution is an integrated circuit intended for use as a low cost FSK transmitter to
establish a frequency-agile RF link. The device is available in a 24-lead TSSOP package and is designed to
provide a fully-functional multichannel transmitter. The chip is intended for linear (FM) or digital (FSK) modulated
applications in the new 868-MHz European band and the North American 915-MHz ISM band. The single chip
transmitter operates down to 2.2 V and is expressly designed for low power consumption. The synthesizer has
a typical channel spacing of approximately 230 Hz to allow narrow-band as well as wide-band applications. Due
to the narrow channel spacing of the direct digital synthesizer (DDS), the DDS can be used to adjust the TX
frequency and allows the use of inexpensive reference crystals.
Two fully-programmable operation modes, Mode0 and Mode1, allow extremely fast switching between two
preprogrammed settings (e.g., TX_frequency_0/TX_frequency_1) without reprogramming the device. Each
functional block of the transmitter can be specifically enabled or disabled via the serial interface.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI1-TRF4900 Datasheet
504Kb / 25P
SINGLE-CHIP RF TRANSMITTER
TRF4900PW TI1-TRF4900PW Datasheet
504Kb / 25P
SINGLE-CHIP RF TRANSMITTER
TRF4900PWG4 TI1-TRF4900PWG4 Datasheet
504Kb / 25P
SINGLE-CHIP RF TRANSMITTER
TRF4900PWR TI1-TRF4900PWR Datasheet
504Kb / 25P
SINGLE-CHIP RF TRANSMITTER
TRF4900PWRG4 TI1-TRF4900PWRG4 Datasheet
504Kb / 25P
SINGLE-CHIP RF TRANSMITTER
More results

Similar Description - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
433MHz Single Chip RF Transmitter
logo
Texas Instruments
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
SINGLE-CHIP RF TRANSMITTER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
SINGLE-CHIP RF TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com