Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2540 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2540
Description  HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2540 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2540 Datasheet HTML 1Page - Texas Instruments UCC2540 Datasheet HTML 2Page - Texas Instruments UCC2540 Datasheet HTML 3Page - Texas Instruments UCC2540 Datasheet HTML 4Page - Texas Instruments UCC2540 Datasheet HTML 5Page - Texas Instruments UCC2540 Datasheet HTML 6Page - Texas Instruments UCC2540 Datasheet HTML 7Page - Texas Instruments UCC2540 Datasheet HTML 8Page - Texas Instruments UCC2540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
UCC2540
SLUS539A − JUNE 2004 − REVISED AUGUST 2004
HIGHEFFICIENCY SECONDARY SIDE
SYNCHRONOUS BUCK PWM CONTROLLER
1
www.ti.com
FEATURES
D On-Chip Predictive Gate Drivet for
High-Efficiency Synchronous Buck
Operation
D Dual ±3-A TrueDrivet Outputs
D 1-MHz High Frequency Operation with 70-ns
Delay from SYNCIN to G1 Output
D Leading Edge Modulation
D Overcurrent Protection using a Parallel
Average Current Mode Control Loop
D 3 Modes to Support 2.7-V to 35-V Bias
Operation
D Reverse Current Protection for Output Stage
D User Programmable Shutdown
D ±1.0% Initial Tolerance Bandgap Reference
D High Bandwidth Error Amplifiers
D Thermally Enhanced HTSSOP 20-Pin
PowerPAD
t Package
SIMPLIFIED APPLICATION DIAGRAM
APPLICATIONS
D Secondary-Side Post Regulation (SSPR) for
Multiple Output Power Supplies
D Cascaded Buck Converters
D Post Processing Converters for Bus
Converter and DC Transformer Architectures
DESCRIPTION
The UCC2540 is a secondary-side synchronous
buck PWM controller for high current and low
output voltage applications. It can be used either
as the local secondary-side controller for isolated
dc-to-dc converters using two-stage cascaded
topologies or as a secondary-side post regulator
(SSPR) for multiple output power supplies.
The UCC2540 runs with the synchronization
signal from either the primary side or the high duty
cycle quasi-dc output of bus converters or dc
transformers.
For
higher efficiency, it also
incorporates
the
Predictive
Gate
Drive
t
technology that virtually eliminates body diode
conduction losses in synchronous rectifiers.
UDG−04057
V FB
C1
OUT
Input
QP
Main
Output
FB
UCC25701
13
14
12
16
7
2
VEA−
REF
VDRV
G2
G2S
VDD
UCC2540
19
18
20
17
9
3
8
COMP
G2C
CEA−
BST
G1
SWS
SW
15
11
1
5
RSET
RAMP
PGND
SS
4
SYNCIN
R1
R2
RSNS
AUX
Output
10
TR
Main
Output
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
Predictive Gate Drive
, TrueDrive, and PowerPAD, are a trademarks of Texas Instruments Incorporated.


Similar Part No. - UCC2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI1-UCC2540 Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
UCC2540PWP TI1-UCC2540PWP Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
UCC2540PWPR TI1-UCC2540PWPR Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com