Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2762IP Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2762IP
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2762IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2762IP Datasheet HTML 3Page - Texas Instruments TLV2762IP Datasheet HTML 4Page - Texas Instruments TLV2762IP Datasheet HTML 5Page - Texas Instruments TLV2762IP Datasheet HTML 6Page - Texas Instruments TLV2762IP Datasheet HTML 7Page - Texas Instruments TLV2762IP Datasheet HTML 8Page - Texas Instruments TLV2762IP Datasheet HTML 9Page - Texas Instruments TLV2762IP Datasheet HTML 10Page - Texas Instruments TLV2762IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 300 kΩ ,
CL = 10 pF
25
°C
500
kHz
VDD =1 8V
25
°C
0.11
0.20
VDD = 1.8 V
Full range
0.09
V/
µs
SR+
Positive slew rate at
VO(PP) = 1 V, RL = 300 kΩ,
VDD =2 4V
25
°C
0.11
0.22
V/
µs
SR+
unity gain
O(PP)
,
L
,
CL = 50 pF,
VDD = 2.4 V
Full range
0.09
VDD =3 6V
25
°C
0.11
0.23
V/
µs
VDD = 3.6 V
Full range
0.09
V/
µs
VDD =1 8V
25
°C
0.08
0.15
VDD = 1.8 V
Full range
0.07
V/
µs
SR
Negative slew rate at
VO(PP) = 1 V, RL = 300 kΩ,
VDD =2 4V
25
°C
0.10
0.18
V/
µs
SR–
g
unity gain
O(PP)
,
L
,
CL = 50 pF,
VDD = 2.4 V
Full range
0.09
VDD =3 6V
25
°C
0.10
0.22
V/
µs
VDD = 3.6 V
Full range
0.09
V/
µs
φm
Phase margin
R
300 k
Ω
C
100 pF
25
°C
63
°
Gain margin
RL = 300 kΩ,
CL = 100 pF
25
°C
20
dB
VDD = 1.8 V, V(STEP)PP = 1 V,
0.1%
6.4
t
Settling time
DD
,
(STEP)PP
,
AV = –1,
CL = 10 pF, RL = 300 kΩ
0.01%
25
°C
13.7
µs
ts
Settling time
VDD = 2.4 V, V(STEP)PP = 1 V,
0.1%
25
°C
6
µs
DD
,
(STEP)PP
,
AV = –1,
CL = 10 pF, RL = 300 kΩ
0.01%
13.9
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.
noise/distortion
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 1.8 V,
V
V
/2 V
AV = 1
0.08%
VO(PP) = VDD/2 V,
RL = 300 kΩ
AV = 10
25
°C
0.10%
THD+N
Total harmonic distortion plus noise
RL = 300 kΩ,
f = 1 kHz
AV = 100
0.27%
THD + N
Total harmonic distortion plus noise
VDD = 2.4 V,
V
V
/2 V
AV = 1
0.06%
VO(PP) = VDD/2 V,
RL = 300 kΩ
AV = 10
25
°C
0.08%
RL = 300 kΩ,
f = 1 kHz
AV = 100
0.24%
V
Equivalent input noise voltage
f = 1 kHz
25
°C
95
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25
°C
75
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.8
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD(SHDN)
Supply current, all channels in shutdown mode
SHDN
0V
25
°C
10
50
nA
IDD(SHDN)
y,
(TLV2760, TLV2763, TLV2765) (per channel)
SHDN = 0 V
Full range
400
nA
t(on)
Amplifier turnon time (see Note 3)
RL = 300 kΩ
25
°C
5
µs
t(off)
Amplifier turnoff time (see Note 3)
RL = 300 kΩ
25
°C
0.8
µs
† Full range is 0
°C to 70°C for the C suffix and –40°C to 85°C for the I suffix. If not specified, full range is –40°C to 85°C.
NOTE 3: Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply
current has reached half its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com