Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN52SRC Datasheet(PDF) 15 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 15 Page - Microchip Technology

Back Button RN52SRC Datasheet HTML 11Page - Microchip Technology RN52SRC Datasheet HTML 12Page - Microchip Technology RN52SRC Datasheet HTML 13Page - Microchip Technology RN52SRC Datasheet HTML 14Page - Microchip Technology RN52SRC Datasheet HTML 15Page - Microchip Technology RN52SRC Datasheet HTML 16Page - Microchip Technology RN52SRC Datasheet HTML 17Page - Microchip Technology RN52SRC Datasheet HTML 18Page - Microchip Technology RN52SRC Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 15
RN52
2.6
Solder Reflow Profile
The lead-free solder reflow temperature and times are:
• Temperature – 230° C, 60 seconds maximum,
peak 245° C maximum
• Preheat temperature – 165° ± 15° C, 90 to 120
seconds
• Time – Single pass, one time
To reflow solder the module onto a PCB, use an RoHS-
compliant solder paste equivalent to NIHON ALMIT
paste or OMNIX OM-310 solder paste from Alpha met-
als. See Table 2-2.
Figure 2-5 and Figure 2-6 show the solder reflow
temperature profiles.
FIGURE 2-5:
SOLDER REFLOW TEMPERATURE PROFILE
Note:
Use no-clean flux and DO NOT water
wash.
TABLE 2-2:
PASTE SOLDER RECOMMENDATIONS
Manufacturer
Part Number
Metal Composition
Liquidus Temperature
Alpha Metals
http://www.alphametals.com
OMNIX OM-310
SAC305 (96.5% Sn, 3%
Ag, 0.5% Cu)
~220°C
NIHON ALMIT Co. LTD
http://almit.co.jp
LFM-70W INP
88% Sn, 3.5% Ag, 0.5%
Bi, 8% In
~215°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com